Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8305A Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8305A
Description  BALLAST CONTROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8305A Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8305A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BL8305A
BL8305A
BL8305A
BL8305A BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
http://www.belling.com.cn
- 2 -
8/28/2006
Total 8 Pages
6. The BL8305A is available in both PDIP14 and SOP14 packages. All pins
have Latch immunity and ESD protection.
APPLICATION INFORMATION
APPLICATION INFORMATION
APPLICATION INFORMATION
APPLICATION INFORMATION
Attention: This shematic for T8 36W only, other types lamp should change some components
Vcc
Vdc
BL8305A
GND
Pro
POFF
Cpre
Ct
LD
FD
HV
OUT2
OUT1
Rt
Rpre
1M
4.7u
IN4148
1n
15V
400V
175K
430K
10
10
13005
22n
13005
22n
FR107
FR107
2mH
100n
8.2n
T8
36W
IN4148 100K
0.1u
Rstart
Rp1
Rp2
Ct
Rt
Cp
C1
Ro
Co 47n
30
22
2
2
2
RHV
Fig. 1
Attention: This shematic for T8 36W only, other types lamp should change some components
Vcc
Vdc
BL8305A
GND
Pro
POFF
Cpre
Ct
LD
FD
HV
OUT2
OUT1
Rt
Rpre
1M
4.7u
IN4148
1n
15V
400V
175K
IRF830
IRF830
2mH
100n
8.2n
T8
36W
Rstart
Rp1
Rp2
Ct
Rt
Cp
C1
Co
1u
0.1u
2
100
100
Fig. 2


Similar Part No. - BL8305A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8303 BELLING-BL8303 Datasheet
164Kb / 4P
   BL8303 is a special control IC for Electronic Starter.
More results

Similar Description - BL8305A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com