Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8305A Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL8305A
Description  BALLAST CONTROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8305A Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

  BL8305A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BL8305A
BL8305A
BL8305A
BL8305A BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
http://www.belling.com.cn
- 7 -
8/28/2006
Total 8 Pages
Filament
Filament
Filament
Filament Preheat Voltage Remove
Preheat Voltage Remove
Preheat Voltage Remove
Preheat Voltage Remove
The BL8305A provides a control signal (PIN Poff) to switch off the filament
preheat voltage. When it done with the ignition and turns into run mode, Poff will
output a high level after about 1s delay (drive ability 20mA). This high level can
close the switch K and turn off the filament voltage.
ABSOL
ABSOL
ABSOL
ABSOLUTE MAXIMUM RATIONS
UTE MAXIMUM RATIONS
UTE MAXIMUM RATIONS
UTE MAXIMUM RATIONS
Absolute maximum ratings indicate sustained limits beyond which damage to the
device may occur. All voltages parameter are absolute voltages referenced to
GND, all current are defined positive into any lead.
Parameter
Symbol
Definition
Min.
Max
Units
Vcc(1)
Supply voltage
---
30
V
VRpre
Preheat frequency timing voltage
1
7
V
IRt
Oscillator output current
---
1
mA
VPro
Current sensing voltage
-0.3
Vdc
V
Iout1
Output current of Out1
200
mA
Iout2
Output current of Out2
200
mA
TS
Storage temperature
-55
150
Note 1: Only for BHF mode. In MHF mode VCC should less than 15V.
RECOMMENDED OPERATING CONDITIONS
RECOMMENDED OPERATING CONDITIONS
RECOMMENDED OPERATING CONDITIONS
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Definition
Min.
Typ.
Max.
Units
Vcc
Supply voltage
--
15
--
V
VRpre
Preheat frequency timing voltage
1
--
4
V
IRt
Oscillator output current
20
82
200
uA
VPro
Current sensing voltage
0
--
Vdc
V
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
TA=25℃,VCC=15V,Rpre1=150K,Rpre2=100K,Rt=17.7K,Ct=470pF,Cp=0.1uF,Vpro=0V,
LD1= 3.2V,VHV=0
Parameters
Symbol
Definition
Min.
Typ.
Max.
Units
Test Condition
Power Supply Characteristics
Power Supply Characteristics
Power Supply Characteristics
Power Supply Characteristics
VCCon
Power on Voltage
-
13.7
-
V
VCC rising from 0V
VCCoff
Shut down voltage
-
10
-
V
VCC falling from
15V
VDC
Internal power
regulator output
-
6.35
-
V
VCC=15V


Similar Part No. - BL8305A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8303 BELLING-BL8303 Datasheet
164Kb / 4P
   BL8303 is a special control IC for Electronic Starter.
More results

Similar Description - BL8305A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com