Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8305A Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8305A
Description  BALLAST CONTROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8305A Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8305A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BL8305A
BL8305A
BL8305A
BL8305A BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
http://www.belling.com.cn
- 6 -
8/28/2006
Total 8 Pages
Driving MHF the output connection is shows as the figure above. The driving
voltage is coupled from out1 by a 1:2 transformer in order to separate the IC
form high voltage. In MHF driving configuration, HV is connect to GND directly,
hence whether the BL8305A in preheat, ignition or run mode the output of BL8305A
is fixed.
Fault Protection
Fault Protection
Fault Protection
Fault Protection
The BL8305A provides 3 leads to sensing fault: Pro (PIN9), FD (PIN10) and LD
(PIN11).
The Pro PIN is enabled at the IC turns on. Once the voltage at this pin exceeds
Vpro (0.55V), the IC enters fault mode and both outputs are latched in the ‘low’
state.
The FD PIN is used for filament detection; the IC will be restart when FD received
a pulse.
LD is a window discriminator. The high threshold
is 4.3V, and the low threshold is 2.0V. LD has a pull
up resistor 200K to Vdc, and a pull down resistor 200K
to GND, in order to get a bias voltage 3.2V for the LD
PIN. At the end of ignition mode, LD will become
effective after 1s delay(1s delay is used for avoid
ignition’s burr).
Once the BL8305A enters the fault mode, the IC will
lock the state until VCC recycles back below the shut
down threshold or the filament detection PIN, SD, receives a pulse.


Similar Part No. - BL8305A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8303 BELLING-BL8303 Datasheet
164Kb / 4P
   BL8303 is a special control IC for Electronic Starter.
More results

Similar Description - BL8305A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com