Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8305A Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8305A
Description  BALLAST CONTROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8305A Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8305A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BL8305A
BL8305A
BL8305A
BL8305A BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
http://www.belling.com.cn
- 4 -
8/28/2006
Total 8 Pages
FUNCTION DESCRIPTION
FUNCTION DESCRIPTION
FUNCTION DESCRIPTION
FUNCTION DESCRIPTION
Start
Start
Start
Start-
--
-up and Power Supply
up and Power Supply
up and Power Supply
up and Power Supply
When the VCC is below the turn-on threshold of the IC, the BL8305A is in the
low power consumption mode, oscillator and half-bridge are shut off. The start-up
capacitor (C1) is charged by 400V DC-BUS
through resistor (Rstart). The charge current
(Icharge) is the current through Rstart minus
the start-up current (IQstart) drawn by the
IC. So the choice basis of starting resistance
Rstart is: In most abominable cases, the
current guaranteeing to pass Rstart is
IQStart of twice at least.
Once the capacitor voltage on VCC reaches the start-up threshold, the IC turns
on and the output turns on. The rectified current charges the capacitor at about
15V. The recommended capacitor value is 22uF.
Preheat Mode, Ignition Mode and Run Mode
Preheat Mode, Ignition Mode and Run Mode
Preheat Mode, Ignition Mode and Run Mode
Preheat Mode, Ignition Mode and Run Mode
The Preheat frequency, preheat time and run mode frequency of BL8305A are all
programmable by external components. The typical frequency vs. time curve is as
the picture shows.
The preheat time is set by the external capacitor Cp. An internal current source
ICpreCharge charges Cp when the IC
started. The frequency remains at
eh preheat frequency until the
voltage on Cp over the threshold
voltage. After preheat the BL8305A
begins to igniting the lamp. The
total
preheat
time
is:


Similar Part No. - BL8305A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8303 BELLING-BL8303 Datasheet
164Kb / 4P
   BL8303 is a special control IC for Electronic Starter.
More results

Similar Description - BL8305A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com