Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1170M Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD1170M
Description  6-bit 40MSPS High Speed D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1170M Datasheet(HTML) 1 Page - Sony Corporation

  CXD1170M Datasheet HTML 1Page - Sony Corporation CXD1170M Datasheet HTML 2Page - Sony Corporation CXD1170M Datasheet HTML 3Page - Sony Corporation CXD1170M Datasheet HTML 4Page - Sony Corporation CXD1170M Datasheet HTML 5Page - Sony Corporation CXD1170M Datasheet HTML 6Page - Sony Corporation CXD1170M Datasheet HTML 7Page - Sony Corporation CXD1170M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The CXD1170M is a 6-bit 40MHz high speed D/A
converter. The adoption of a current output system
reduces power consumption to 80mW (200
Ω load at
2Vp-p output).
This IC is suitable for digital TV and graphic
display applications.
Features
• Resolution 6-bit
• Max. conversion speed 40MSPS
• Non linearity error within ±0.1LSB
• Low glitch noise
• TTL CMOS compatible input
• +5V single power supply
• Low power consumption 80mW
(200
Ω load at 2Vp-p output)
Block Diagram and Pin Configuration
Structure
Silicon gate CMOS IC
Function
6-bit 40MHz D/A converter
– 1 –
CXD1170M
E89X37B6X-PS
6-bit 40MSPS High Speed D/A Converter
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
24 pin SOP (Plastic)
CURRENT
CELLS
LATCHES
DECODER
DVDD
IO
IO
VG
DVDD
AVDD
VREF
19
20
21
22
23
24
CLOCK
GENERATOR
NC
NC
(LSB) D0
D1
D2
D3
D4
D5
BLK
DVSS
VB
CLK
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1
CURRENT CELLS
(FOR FULL SCALE)
BIAS VOLTAGE
GENERATOR
DVSS
IREF
DECODER
AVSS
AVDD
AVDD
For the availability of this product, please contact the sales office.


Similar Part No. - CXD1170M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD1172 SONY-CXD1172 Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
More results

Similar Description - CXD1170M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
   Dual-channel 12-bit 40Msps 215mW A/D converter
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
   DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com