Electronic Components Datasheet Search |
|
CXD1170M Datasheet(PDF) 2 Page - Sony Corporation |
|
|
CXD1170M Datasheet(HTML) 2 Page - Sony Corporation |
2 / 8 page – 2 – CXD1170M Absolute Maximum Ratings (Ta = 25°C) • Supply voltage VDD 7V • Input voltage VIN VDD to VSS V • Output current IOUT 15 mA • Storage temperature Tstg –55 to +150 °C Recommended Operating Conditions • Supply voltage AVDD, AVSS 4.75 to 5.25 V DVDD, DVSS 4.75 to 5.25 V • Reference input voltage VREF 2.0 V • Clock pulse width Tpw1 12.5 (Min) ns Tpw0 12.5 (Min) ns • Operating temperature Topr –20 to +75 °C Pin Description and I/O Pins Equivalent Circuit No. Symbol Equivalent circuit Description 10, 13 DVSS Digital GND 14 AVSS Analog GND 3 to 8 D0 to D5 Digital input 9 BLK Blanking pin No signal at "H" (Output 0V) Output condition at "L" 11 VB Connect a capacitor of about 0.1µF 12 CLK Clock pin Moreover all input pins are TTL-CMOS compatible DVDD DVSS to 3 8 DVDD DVSS 9 DVDD DVSS DVDD 11 DVDD DVSS 12 |
Similar Part No. - CXD1170M |
|
Similar Description - CXD1170M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |