Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 62 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 62 Page - Kemet Corporation |
62 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 62 62 Tantalum Capacitors ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Tantalum Through-Hole Capacitors • Molded Axial & Radial T32X Series CX01/05 Style MIL-PRF-49137/1 & 5 Series Dimensions D x L x W (inches) Capacitance Range Benefits A 0.095 x 0.260 x 0.020 0.10µF - 10µF 2 - 50 Volts ±20%, ±10%, ±5% capacitance tolerance Tape and reel packaging available MIL-PRF-4913/1 & 5 (CX01 & CX05) approved Miniature - polar type See www.kemet.com for QPL information Available RoHS-compliant • • • • • • • B 0.110 x 0.290 x 0.020 0.33µF - 33µF C 0.180 x 0.345 x 0.020 1.2µF - 68µF D 0.180 x 0.420 x 0.020 2.µF - 68µF E 0.280 x 0.530 x 0.025 5.6µF - 220µF F 0.300 x 0.10 x 0.025 12.0µF - 330µF Tantalum Through-Hole Capacitors • Radial Dipped T396/T398 Series Three-Leaded UltraDip III Series Dimensions W x T x H (inches) Capacitance Range Benefits A 0.280 x 0.190 x 0.310/0.355 0.10µF - 10µF • 3 - 50 Volts • ±20%, ±10% capacitance tolerance • Tape and reel packaging available • Three lead design, fail-safe insertion • Available RoHS-compliant Note: “H“ dimension is for both T396/T398 B 0.280 x 0.190 x 0.320/0.365 0.4µF - 15µF C 0.280 x 0.200 x 0.360/0.390 2.2µF - 22µF D 0.280 x 0.200 x 0.30/0.390 3.3µF - 33µF E 0.280 x 0.230 x 0.380/0.415 1.5µF - 4µF F 0.280 x 0.240 x 0.410/0.430 3.3µF - 68µF G 0.280 x 0.250 x 0.420/0.440 4.µF - 100µF H 0.280 x 0.20 x 0.420/0.440 22.0µF - 150µF J 0.300 x 0.300 x 0.460/0.480 6.8µF - 220µF K 0.340 x 0.340 x 0.500/0.500 10.0µF - 330µF L 0.340 x 0.340 x 0.560/0.580 15.0µF - 40µF M 0.360 x 0.360 x 0.620/0.620 22.0µF - 680µF All product specifications, statements, information and data (collectively, the “Information”) are subject to change without notice. All Information given herein is believed to be accurate and reliable, but is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute – and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. Although we design and manufacture our products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. Although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated or that other measures may not be required. Images may be enlarged to show detail. Disclamer |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |