Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 56 Page - Kemet Corporation |
|
|
C440 Datasheet(HTML) 56 Page - Kemet Corporation |
56 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 56 56 Tantalum Capacitors ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com 125°C Rated Polymer Tantalum Series Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T525 T/3528-12 B/3528-21 D/343-31 Y/343-40 3.5 x 2.8 x 1.2 3.5 x 2.8 x 1.9 .3 x 4.3 x 2.8 .3 x 4.3 x 4.0 33µF - 100µF 33µF - 150µF 4µF - 680µF 330µF - 40µF KEMET organic with polymer cathode 2.5 - 16 Volts ±20% capacitance tolerance 125°C maximum operating temperature RoHS-compliant Available DSCC Drawing 04051 Automotive Grade available • • • • • • • Low ESL/Facedown Terminal Polymer Tantalum Series Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T528 I/3216-10 M/3528-15 Z/343-1 W/343-15 K/3528-10 3.2 x 1.6 x 1.0 3.5 x 2.8 x 1.5 .3 x 4.3 x 1. max .3 x 4.3 x 1.15 max 3.5 x 2.8 x 1.0 max 33µF - 100µF 100µF - 220µF 150µF - 330µF 150µF - 330µF 150µF - 220µF Face down termination organic Low profile Low ESL < 0.nH @ 20MHz 2.5 - 10 Volts ±20% capacitance tolerance RoHS-compliant Lower ESR (≤ 5 mΩ) • • • • • • • High Capacitance/125°C Rated Polymer Tantalum Series Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T530 D/343-31 Y/343-40 X/343-43 .3 x 4.3 x 2.8 .3 x 4.3 x 1.9 .3 x 4.3 x 4.0 150µF - 680µF 220µF - 1000µF 150µF - 1500µF KEMET organic with polymer cathode 2.5 - 10 Volts Ultra-low ESR (≤ 4mΩ available) ±20% capacitance tolerance RoHS-compliant Available DSCC Drawing 04052 • • • • • • Tantalum Surface Mount Capacitors • Low ESR Polymer (cont.) Reduced Leakage Polymer Series Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T522 V/343-20 Y/343-40 .3 x 4.3 x 2.0 .3 x 4.3 x 4.0 150µF - 330µF 40µF KEMET organic with polymer cathode Low ESR RoHS-compliant 100% surge current test 100% accelerated steady state aging Reduced leakage • • • • • • |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |