Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 54 Page - Kemet Corporation |
|
|
C440 Datasheet(HTML) 54 Page - Kemet Corporation |
54 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 54 54 Tantalum Capacitors ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Tantalum Surface Mount Capacitors • Low ESR MnO 2 (cont.) T494 Low ESR MnO 2 Series, Low Profile (Industrial Grade) Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T494 Low Profile R/2012-12 S/3216-12 T/3528-12 U/6032-15 V/343-20 2.0 x 1.3 x 1.2 3.2 x 1.6 x 1.2 3.5 x 2.8 x 1.2 6.0 x 3.2 x 1.5 .3 x 4.3 x 2.0 1.0µF - 10µF 1.0µF - 22µF 3.3µF - 100µF 6.8µF - 100µF 1.0µF - 330µF Low profile, low ESR 4 - 50 Volts ±20%, ±10% capacitance tolerance Tape and reel packaging RoHS-compliant • • • • • T495 Low ESR MnO 2 Series (Surge Robust) Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T495 A/3216-18 B/3528-21 C/6032-28 D/343-31 X/343-43 E/260-38 3.6 x 1.6 x 1.6 3.5 x 2.8 x 1.9 6.0 x 3.2 x 2.5 .3 x 4.3 x 2.8 .3 x 4.3 x 4.0 .3 x 6.0 x 3.6 0.4µF - 22µF 0.4µF - 150µF 1.0µF - 330µF 2.2µF - 40µF 4.µF - 1000µF 100µF - 1000µF Low ESR, surge robust series 2.5 - 50 Volts ±20%, ±10% capacitance tolerance Tape and reel packaging RoHS compliant Available DSCC Drawing 95158 Automotive Grade available • • • • • • • T495 Low ESR MnO 2 Series, Low Profile (Surge Robust) Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T495 Low Profile T/3528-12 V/343-20 3.5 x 2.8 x 1.2 .3 x 4.3 x 2.0 10µF - 100µF 68µF - 220µF Low profile, low ESR, surge robust 2.5 -16 Volts ±20%, ±10% capacitance tolerance Tape and reel packaging RoHS-compliant • • • • • T510 Low ESR MnO 2 Series (Multiple Anode) Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T510 X/343-43 E/260-38 .3 x 4.3 x 4.0 .3 x 6.0 x 3.6 22µF - 1000µF 4µF - 1000µF Low ESR (<10-120mΩ) 4 - 25 Volts ±20%, ±10% capacitance tolerance Tape and reel packaging RoHS-compliant Automotive & Space Grade available • • • • • • |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |