Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 53 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 53 Page - Kemet Corporation |
53 / 66 page 53 ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 53 Tantalum Capacitors ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Tantalum Surface Mount Capacitors • Standard T491 MnO 2 Series (Industrial Grade) Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T491 A/3216-18 B/3528-21 C/6032-28 D/343-31 X/343-43 E/260-38 3.2 x 1.6 x 1.6 3.5 x 2.8 x 1.9 6.0 x 3.2 x 2.5 .3 x 4.3 x 2.8 .3 x 4.3 x 4.0 .3 x 6.0 x 3.6 0.10µF - 220µF 0.15µF - 150µF 0.4µF - 330µF 1.5µF - 680µF 6.8µF - 1000µF 4µF - 1000µF Industrial/Commercial Grade 2.5 - 50 Volts ±20%, ±10% capacitance tolerance Tape and reel packaging RoHS-compliant • • • • • T491 MnO 2 Series, Low Profile (Industrial Grade) Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T491 Low Profile R/2012-12 S/3216-12 T/3528-12 U/6032-15 V/343-20 2.0 x 1.3 x 1.2 3.2 x 1.6 x 1.2 3.5 x 2.8 x 1.2 6.0 x 3.2 x 1.5 .3 x 4.3 x 2.0 1.0µF - 10µF 1.0µF - 22µF 3.3µF - 100µF 6.8µF - 100.µF 1.0µF - 330µF Low profile 2.5 - 50 Volts ±20%, ±10% capacitance tolerance Tape and reel packaging RoHS-compliant • • • • • T489 Low Leakage MnO 2 Series Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T489 Low Leakage A B C D X 3.2 x 1.6 x 1.6 3.5 x 2.8 x 1.9 6.0 x 3.2 x 2.5 .3 x 4.3 x 2.8 .3 x 4.3 x 4.0 0.1µF - 15µF 0.68µF - 150µF 1.0µF - 150µF 2.2µF - 220µF 100µF - 40µF DC leakage at 0.005CV Improved reliability: 0.50%/1000hrs, 85°C, rated voltage Low ESR options available Operating temperature range of -55˚C to +125˚C Tape and reel packaging Automotive Grade available • • • • • • Tantalum Surface Mount Capacitors • Low ESR MnO 2 T494 Low ESR MnO 2 Series (Industrial Grade) Series Case Size KEMET/EIA Dimensions L x W x H (mm) Capacitance Range Benefits T494 A/3216-18 B/3528-21 C/6032-28 D/343-31 X/343-43 E/260-38 3.2 x 1.6 x 1.6 3.5 x 2.8 x 1.9 6.0 x 3.2 x 2.5 .3 x 4.3 x 2.8 .3 x 4.3 x 4.0 .3 x 6.0 x 3.6 0.10µF - 100µF 0.15µF - 220µF 0.4µF - 330µF 1.5µF - 680µF 6.8µF - 1000µF 40µF -1000µF Low ESR, Industrial Grade 2.5 - 50 Volts ±20%, ±10% capacitance tolerance Tape and reel packaging RoHS-compliant Automotive Grade available • • • • • • |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |