Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 48 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 48 Page - Kemet Corporation |
48 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 48 48 Film Capacitors ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Series Type Capacitance Range Rated Voltage Benefits C4C Axial 0.1µF - 2.5µF 0.04µF - 1.5µF 0.022µF - 0.68µF 6800pF - 0.22µF 850VDC, 450VAC 1200VDC, 500VAC 2000VDC, 630VAC 3000VDC, 50VAC • Snubber applications • Climatic category 40/85/56 • Max. dV/dt 200 to 2100V/µs • Length L = 33 to 58mm C4G Axial 1µF - 40µF 0.4µF - 20µF 0.4µF - 10µF 0.4µF - 6.8µF 0.15µF - 4.0µF 250VDC, 160VAC 400VDC, 250VAC 600VDC, 330VAC 00VDC, 400VAC 850VDC, 450VAC • Switching applications • Climatic category 40/85/56 • Max. dV/dt 15 to 210V/µs • Length L = 20.5 to 58mm C4H Axial flat 0.1µF - 1.0µF 0.04µF - 0.68µF 0.022µF - 0.33µF 6800pF - 0.1µF 850VDC, 450VAC 1200VDC, 500VAC 2000VDC, 630VAC 3000VDC, 50VAC • Snubber applications • Climatic category 40/85/56 • Max. dV/dt 190 to 2100V/µs • Length L = 33 to 58mm C4M Axial flat 1µF - 20µF 0.4µF - 6.8µF 0.4µF - 4.µF 0.4µF - 3.0µF 250VDC, 160VAC 400VDC, 250VAC 600VDC, 330VAC 00VDC, 400VAC • Switching applications • Climatic category 40/85/56 • Max. dV/dt 15 to 80V/µs • Length L = 20.5 to 58mm C4AS Box 0.15µF - 5.0µF 0.15µF - 4.µF 0.1µF - 3.5µF 0.033µF - 1.5µF 0.022µF - 0.82µF 850VDC, 500VAC 1000VDC, 600VAC 1200VDC, 630VAC 2000VDC, 00VAC 3000VDC, 50VAC • Snubber applications • Climatic category 40/85/56 • Max. dV/dt 469 to 3360V/µs • Lead spacing 2.5, 3.5, 52.5mm • Terminals: Tinned copper 2 or 4 wires C4AT Box 1.0µF - 60µF 1.0µF - 40µF 1.0µF - 33µF 0.68µF - 20µF 0.4µF - 15µF 0.22µF - 10µF 250VDC, 160VAC 400VDC, 250VAC 450VDC, 25VAC 600VDC, 350VAC 00VDC, 400VAC 850VDC, 450VAC • Switching applications • Climatic category 40/85/56 • Max. dV/dt 15 to 148V/µs • Lead spacing 2.5, 3.5, 52.5mm • Terminals: Tinned copper 2 or 4 wires C4AE Box 30µF - 100µF 15µF - 55µF 12µF - 40µF 8.0µF - 25µF 450VDC 00VDC 900VDC 1100VDC • DC link applications • Climatic category 40/85/56 • Max. dV/dt 10 to 21V/µs • Lead spacing 3.5, 52.5mm • Terminals: Tinned copper 2 or 4 wires C4BS IGBT box 0.4µF - 5.0µF 0.4µF - 4.0µF 0.33µF - 3.3µF 0.10µF - 1.5µF 0.04µF - 0.82µF 850VDC, 550VAC 1000VDC, 600VAC 1200VDC, 630VAC 2000VDC, 00VAC 3000VDC, 50VAC • Snubber-IGBT applications • Climatic category 40/85/56 • Max. dV/dt 469 to 3361V/µs • Box length L = 32 to 5.5mm • Terminals: Tinned brass lugs C4BT IGBT box 4.µF - 60µF 3.3µF - 40µF 2.5µF - 20µF 1.5µF - 15µF 1.0µF - 10µF 250VDC, 160VAC 400VDC, 250VAC 600VDC, 330VAC 00VDC, 400VAC 850VDC, 450VAC • Switching-IGBT applications • Climatic category 40/85/56 • Max. dV/dt 2 to 148V/µs • Box length L = 32 to 5.5mm • Terminals: Tinned brass lugs C4DC Flat cylindrical plastic case (low inductance) 1.5µF - 6.0µF 1.0µF - 4.0µF 0.5µF - 4.0µF 850VDC, 500VAC 1000VDC, 600VAC 1400VDC, 00VAC • Snubber-GTO applications • Climatic category 40/85/56 • Max. dV/dt 380 to 1000V/µs • Diameter D = 60 to 90mm • Height H = 51 to 64mm • Hole M8 threaded (M6 on request) C4DR Flat cylindrical plastic case (low inductance) 25µF - 220µF 12µF - 100µF .5µF - 0µF 4.0µF - 60µF 2.5µF - 25µF 1.0µF - 15µF 400VDC, 160VAC 600VDC, 220VAC 00VDC, 250VAC 850VDC, 330VAC 1200VDC, 440VAC 1500VDC, 500VAC • Clamper-GTO applications • Climatic category 40/85/56 • Max. dV/dt 12 to 400V/µs • Diameter D = 60 to 90mm • Height H = 51 to 99mm • Hole M8 threaded (M6 on request) C4DE Flat cylindrical plastic case (low inductance) 15µF - 380µF 100µF - 220µF 68µF - 140µF 4µF - 100µF 400VDC 600VDC 800VDC 1000VDC • DC link applications • Climatic category 40/85/21 • Max. dV/dt 15 to 3V/µs • Diameter D = 84mm • Height H = 40, 51, 64mm • Terminals: M6 or M8 threaded bolt (also available with threaded female connections) Power Electronics and AC Film Capacitors • Metallized Polypropylene |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |