Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 46 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 46 Page - Kemet Corporation |
46 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 46 46 Film Capacitors ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Polypropylene Film Capacitors • Radial & Axial (cont.) Series Construction Capacitance Range Rated Voltage Benefits PFR Film/foil, radial 100pF - 22000pF 100pF - 10000pF 100pF - 6800pF 100pF - 6800pF 100pF - 400pF 100pF - 680pF 63VDC, 40VAC 100VDC, 63VAC 250VDC, 160VAC 400VDC, 220VAC 630VDC, 250VAC 1000VDC, 250VAC • Timing, integration • Climatic category 55/100/56 • Max. dV/dt 1000 V/µs • Lead spacing 5mm A2 Film/foil, axial 400pF - 0.010µF 2200pF - 0.015µF 4pF - 0.010µF 0.015µF - 0.33µF 3300pF - 0.10µF 2200pF - 0.068µF 1000pF - 0.04µF 100VDC, 63VAC 250VDC, 125VAC 400VDC, 160VAC 630VDC, 300VAC 1000VDC, 400VAC 1500VDC, 450VAC 2000VDC, 500VAC • High current applications • Climatic category 55/105/56 • Max. dV/dt 1800 to 2000V/µs • Length L = 11 to 33mm SMD Film Capacitors Series Type Capacitance Range Rated Voltage Benefits MMC 2220 - 6560 2824 - 6560 2220 - 6560 2220 - 6560 2824 - 6560 1nF - 15000nF 1nF - 400nF 1nF - 3300nF 1nF - 1000nF 1nF - 40nF 50VDC, 30VAC 63VDC, 40VAC 100VDC, 63VAC 250VDC, 160VAC 400VDC, 200VAC • Encapsulated winding construction • Climatic category 55/100/56 • Max. dV/dt 5 to 50 V/µs MDC SMD, multiple leads 0.033µF - 15µF 0.033µF - 10µF 0.033µF - 1.5µF 0.033µF - 0.4µF 0.033µF - 0.18µF 50VDC, 30VAC 100VDC, 63VAC 250VDC, 160VAC 400VDC, 200VAC 630VDC, 220VAC For high frequency output filtering Metallized Polyester (PET) Climatic category 55/125/56 Lead spacing 10, 15mm • • • • MDS SMD, low profile, multiple leads 0.033µF - 6.8µF 0.033µF - 5.6µF 0.033µF - 0.68µF 0.033µF - 0.33µF 0.033µF - 0.10µF 50VDC, 30VAC 100VDC, 63VAC 250VDC, 160VAC 400VDC, 200VAC 630VDC, 220VAC For high frequency output filtering Metallized Polyester (PET) Climatic category 55/125/56 Lead spacing 10, 15mm • • • • JSN SMD, multiple leads, through-hole also available 10µF - 68µF 10µF - 33µF 10µF - 15µF 100VDC, 63VAC 160VDC, 90VAC 250VDC, 160VAC DC/DC and AC/DC converters applications Climatic category 55/125/56 Max. dV/dt 2 to 40V/µs Size from 60.80 to 60.160 (naked components) • • • • Metallized Polyester Dielectric |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |