Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 37 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 37 Page - Kemet Corporation |
37 / 66 page 3 ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 3 EMI Filters ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Feed-Through Filters Cylindical Case General Purpose Filters General Purpose PCB Mount Filters Series Current Rating (A) L(mH) Capacitance x (µF) Capacitance y (nF) Benefits FAA, FAH 0.5 - 10 2x1 - 2x40 0.1 - 0.68, 2x0.1 2x2.2 - 2x4. Compact PCB design PCB or spade lug terminations Medical versions available • • • FLH 0.5 - 6 2x1 - 2x24 0.033 2x2.5 Compact PCB design High performance Medical versions available • • • FAMAV 3.3 - 16 2x1, 2x13 0.4 2x1 - 2x6.8 High performance filter High RF attenuation Single or two stage designs Medical versions available • • • • Series Current Rating (A) Capacitance x (µF) Capacitance y (nF) Benefits FNC 10 - 16 0.15 - 0.68 2x4. - 2x2 Suited for consumer goods, appliances, vending machines, etc. Compact design, spade lug terminations Push-fit or stud-mount mounting • • • Series Current Rating (A) Capacitance Benefits AFCL 060 10 1.5nF - 4nF CL configuration Film dielectric Self-healing characteristics Excellent temperature stability • • • • AFCL 100 1 - 10 100nF - 820nF CL configuration Film dielectric Self-healing characteristics Excellent temperature stability • • • • AFPI 100 0.5 - 10 2x500nF PI configuration Film dielectric Self-healing characteristics Excellent temperature stability • • • • AFPI 160 16 2x2.5nF - 2x2000nF AFPI 190 6 - 30 2x18nF - 2x2000nF AFCC 100 5 - 20 15nF - 1400nF C configuration Film dielectric Self-healing characteristics Excellent temperature stability • • • • AFCC 160 16 - 25 2.5nF - 10000nF AFCC 190 10 - 63 18nF - 220nF AKCL 100 0.06 - 15 1.2µF CL configuration Ceramic dielectric Hermetic sealing Other configurations on request • • • • Series Current Rating (A) Benefits Applications FLLDH, FLLDU 16 - 300 Single line, high performance PI configuration Excellent attenuation up to Ghz range Rugged sealed construction • • • • Screen rooms Power supplies Telecom systems Medical equipment • • • • FLLCC 25 - 800 Single line, high performance C configuration • • Power Feed-Through Filters Small Signal Feed-Through Filters |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |