Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 27 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 27 Page - Kemet Corporation |
27 / 66 page 2 ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 2 ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com Ceramic Capacitors Military Grade Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS HV • Leadframe Mounted • High Voltage • C0G (NP0) & X7R Dielectrics • 500VDC–5KVDC (Robust • MIL Screened) KPS MIL • MIL-PRF-49470 • High Reliability • BX(X7R), BR(X7R) & BQ(X7R) Dielectrics • 50VDC–500VDC (Military & Space Grade) Series Code Dimensions (mm) Dielectric/ Capacitance Range Voltage Range (VDC) Benefits SM20 3.81 x 3.81 C0G – 12pF - 400pF XR – 20pF - 0.082µF 500 - 3000 500 - 2000 -55°C to +125°C operating temperature range DC voltage ratings of 500V, 1KV, 2KV, 3KV, 4KV and 5KV Available capacitance tolerances of ±5%, ±10%, ±20%, +100, -0% and +80%, -20% “J“ & “L“ lead configurations available Reduced microphonics Reliable and robust termination system Advanced protection against thermal and mechanical stress Improved flex performance Reduces audible, microphonic noise Non-polar device, minimizing installation concerns Available with screening to MIL-PRF-4946, Group A & B Several end metallization options available (See catalog for details) • • • • • • • • • • • • SM21 5.08 x 5.08 C0G – 22pF - 8200pF XR – 560pF - 0.18µF 500 - 3000 500 - 2000 SM22 6.35 x 5.08 C0G – 2pF - 0.01µF XR – 680pF - 0.22µF 500 - 3000 SM23 8.89 x .62 C0G – 2pF - 0.022µF XR – 20pF - 0.56µF 500 - 4000 SM24 11.43 x 10.2 C0G – 18pF - 0.056µF XR – 40pF - 1.2µF 500 - 5000 SM25 14.0 x 12. C0G – 2pF - 0.082µF XR – 40pF - 1.8µF 500 - 5000 SM26 16.5 x 15.2 C0G – 4pF - 0.1µF XR – 1200pF - 2.µF 500 - 5000 SM30 .62 x 3.81 C0G – 10pF - 0.015µF XR – 150pF - 0.22µF 500 - 4000 SM31 10.2 x 5.08 C0G – 10pF - 0.02µF XR – 20pF - 0.39µF 500 - 5000 SM33 1.08 x .62 C0G – 12pF - 0.12µF XR – 220pF - 1.5µF 500 - 000 SM34 22.9 x 10.2 C0G – 22pF - 0.15µF XR – 40pF - 1.5µF 500 - 10000 SM35 2.9 x 12. C0G – 33pF - 0.22µF XR – 820pF - 3.9µF 500 - 10000 SM36 33.0 x 15.2 C0G – 56pF - 0.33µF XR – 1200pF - 5.6µF 500 - 10000 Military Grade Through-Hole Multilayer Ceramic Capacitors (THD MLCCs) Case Code Military Equivalent Styles Lead Type Dielectric Capacitance Range Voltage Range (VDC) Benefits 3 M4940 Straight Formed “J” Formed “L” BX, BR, BQ 2.2µF - 4µF 50 - 500 4940 B-Level reliability 4940 T-Level Reliability available (Space Grade) Commercial Grade available -55°C to +125°C operating temperature range Reliable and robust termination system Higher capacitance in the same footprint Potential board space savings Advanced protection against thermal and mechanical stress Reduces audible, microphonic noise Extremely low ESR and ESL Encapsulated or unencapsulated Non-polar device, minimizing installation concerns SnPb coated (60/40) lead material DSCC 8106 equivalent available upon request • • • • • • • • • • • • • • 4 0.82µF - 15µF 5 0.15µF - 5.6µF |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |