Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 22 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 22 Page - Kemet Corporation |
22 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 22 ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com 22 Ceramic Capacitors High Temperature Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature (150°C) • X8L Dielectric • 10VDC–50VDC (Commercial & Automotive Grade) High Temperature (150°C) • Ultra-Stable X8R Dielectric • 25VDC–100VDC (Commercial & Automotive Grade) Size Code EIA/Metric Max Temp. Capacitance Range Voltage Range (VDC) Benefits 0402/1005 150°C 0.012µF - 0.04µF 10 - 25V -55°C to +150°C operating temperature range Available with Flexible Termination System (FT-CAP) for 0603 - 1210 case sizes Pb-Free and RoHS-compliant (excluding SnPb end metallization option) Available capacitance tolerances of ±5%, ±10% and ±20% Commercial and Automotive Grades available Non-polar device, minimizing installation concerns 100% pure matte tin-plated end metallization allowing for excellent solderability SnPb plated end metallization available upon request (5% min) • • • • • • • • 0603/1608 0.04µF - 0.22µF 10 - 50V 0805/2012 0.15µF - 1.0µF 10 - 50V 1206/3216 0.4µF - 4.µF 10 - 50V 1210/3225 0.39µF - 10µF 10 - 50V Size Code EIA/Metric Max Temp. Capacitance Range Voltage Range (VDC) Benefits 0402/1005 150°C 100pF - 1500pF 25 - 100V -55°C to +150°C operating temperature range Pb-Free and RoHS-compliant (excluding SnPb end metallization option) Available capacitance tolerances of ±1%, ±2%, ±5%, ±10% and ±20%, Extremely low ESR and ESL High thermal stability High ripple current capability No capacitance change applied rated DC voltage Non-polar device, minimizing installation concerns 100% pure matte tin-plated end metallization that allowing for excellent solderability. SnPb plated end metallization available upon request (5% min) • • • • • • • • • • 0603/1608 430pF - 0.01µF 25 - 100V 0805/2012 2200pF - 0.033µF 25 - 100V 1206/3216 6800pF - 0.1µF 25 - 100V 1210/3225 0.012µF - 0.18µF 25 - 100V 1812/4532 0.015µF - 0.22µF 50 - 100V |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |