Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 20 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 20 Page - Kemet Corporation |
20 / 66 page ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com 20 ©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com 20 Ceramic Capacitors High Voltage Through-Hole Multilayer Ceramic Capacitors (THD MLCCs) High Voltage Goldmax Series • Radial • Conformally Coated • C0G (NP0) & X7R Dielectrics • 500VDC–3KVDC (Commercial & Automotive Grade) Series Code Dimensions L x H x T (inches) Lead Spacing (inches) Dielectric/ Capacitance Range Voltage Range (VDC) Benefits C315 0.150 x 0.210 x 0.100 0.10 C0G – 1.0pF - 180pF XR – 10pF - 3300pF 500 - 1000 General (All Dielectrics) Pb-Free and RoHS-compliant (excluding SnPb lead material option) DC voltage ratings of 500V, 1KV, 1.5KV, 2KV, 2.5KV, 3KV Available capacitance tolerances of ±0.25pF, ±0.5pF, ±1pF, ±2pF, ±5%, ±10% and ±20% Non-polar device, minimizing installation concerns 100% pure matte tin-plated lead material allowing for excellent solderability SnPb plated lead material option available upon request (60/40) Several lead configuration options available (See catalog for details) 0.51mm lead diameter (C31X-C34X) 0.64mm lead diameter (C35X) C0G (NP0) Dielectric -55°C to +125°C operating temperature range Commercial and Automotive (AEC-Q200) Grades available No piezoelectric noise Low ESR and ESL High thermal stability High ripple current capability Preferred capacitance solution at line frequencies and into the MHz range No capacitance change with respect to applied rated DC voltage Negligible capacitance change with respect to temperature from -55°C to +125°C No capacitance decay with time XR Dielectric -55°C to +125°C operating temperature range Commercial and Automotive (AEC-Q200) Grades available Temperature stable dielectric Z5U Dielectric +10°C to +85°C operating temperature range • • • • • • • • • • • • • • • • • • • • • • • C316 0.150 x 0.230 x 0.100 0.10 C31 0.150 x 0.230 x 0.100 0.20 C318 0.150 x 0.235 x 0.100 0.20 C320 0.200 x 0.260 x 0.125 0.10 C0G – 1.0pF - 3300pF XR – 10pF - 0.04µF 500 - 2000 C321 0.200 x 0.260 x 0.125 0.25 C322 0.200 x 0.260 x 0.125 0.20 C323 0.200 x 0.320 x 0.125 0.20 C324 0.200 x 0.260 x 0.125 0.10 C325 0.200 x 0.320 x 0.125 0.20 C326 0.200 x 0.350 x 0.125 0.10 C32 0.200 x 0.350 x 0.125 0.20 C328 0.200 x 0.325 x 0.125 0.20 C330 0.300 x 0.360 x 0.150 0.20 C0G – 10pF - 6800pF XR – 10pF - 0.22µF 500 - 3000 C331 0.300 x 0.360 x 0.150 0.25 C333 0.300 x 0.390 x 0.150 0.20 C335 0.300 x 0.420 x 0.150 0.20 C336 0.300 x 0.450 x 0.150 0.20 C340 0.400 x 0.460 x 0.150 0.20 C0G – 1.0pF - 0.015µF XR – 1200pF - 0.68µF 500 - 3000 C346 0.400 x 0.590 x 0.150 0.20 C350 0.500 x 0.560 x 0.200 0.40 C0G – 100pF - 0.39µF XR – 6800pF - 0.82µF 500 - 3000 C356 0.500 x 0.60 x 0.200 0.40 |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |