Electronic Components Datasheet Search |
|
C440 Datasheet(PDF) 12 Page - Kemet Corporation |
|
C440 Datasheet(HTML) 12 Page - Kemet Corporation |
12 / 66 page 12 Multilayer Ceramic Capacitors (MLCCs) KEMET Multilayer Ceramic Capacitors (MLCCs) offer tremendous performance, reliability and cost advantages for circuit designers. Our comprehensive line of surface mount and through-hole devices are utilized in a variety of computer, telecommunications, automotive, military, medical and consumer electronics. Primary applications include decoupling, filtering, bypassing and smoothing. Ceramics are non-polar devices which offer unsurpassed volumetric efficiency, delivering the highest capacitance in the smallest package sizes in the market. Available in a wide range of sizes, KEMET MLCCs offer very low equivalent series resistance (ESR), exhibit excellent high frequency characteristics and are extremely reliable. KEMET is driving ceramic technology advancement, resulting in smaller case sizes, better performance and lower cost. These factors have accelerated the progression of readily available ceramics into markets and applications previously occupied by tantalum, aluminum and film capacitors, lowering the risk of material shortages. MLCCs are monolithic devices that consist of laminated layers of specially formulated, ceramic dielectric materials interspersed with a metal electrode system. The layered formation is then fired at high temperature to produce a sintered and volumetrically efficient capacitance device. A conductive termination barrier system is integrated on the exposed ends of the chip to complete the connection. KEMET offers one of the broadest product portfolios of ceramic capacitors in the industry, providing customers the right combination of dielectric, termination system, form factor and screening. Dielectrics Ceramic MLCCs are offered in temperature and voltage stable C0G (NP0), temperature stable X8R, XR and X5R as well as general purpose X8L, Z5U and Y5V dielectrics. KEMET provides dielectrics in both base metal electrodes (BME) and precious metal electrodes (PME) technologies. Military designated dielectrics such as BP, BX and BR, and a wide range of high temperature (to 260°C) and high voltage dielectric solutions for extreme environments are available. Terminations KEMET offers a variety of termination systems including RoHS-compliant tin, tin-lead, gold and custom options. KEMET’s Flex Mitigation products reduce risk of flex-related board failure and provide a benign failure mode. Form Factors Surface mount, through-hole, J-leads, L-leads, S-leads, stacked and modules are some of the form factors that KEMET produces. Customers can tailor a part for their requirements. Screening KEMET offers parts that meet varying testing and screening levels. This includes general purpose commercial grades, automotive grade (AEC-Q200), medical grades and parts qualified to many military specifications. Environmental Compliance KEMET’s standard ceramic products meet RoHS criteria and are compatible with modern solder processes including multiple reflow passes. • • • • • |
Similar Part No. - C440 |
|
Similar Description - C440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |