Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD30N05-20L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQD30N05-20L
Description  Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD30N05-20L Datasheet(HTML) 3 Page - Vishay Siliconix

  SQD30N05-20L Datasheet HTML 1Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 2Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 3Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 4Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 5Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 6Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 7Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 8Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQD30N05-20L
www.vishay.com
Vishay Siliconix
S12-1846-Rev. C, 30-Jul-12
3
Document Number: 67054
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
On-Resistance vs. Junction Temperature
Transfer Characteristics
On-Resistance vs. Drain Current
Source Drain Diode Forward Voltage
0
8
16
24
32
40
0
2
4
6
8
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0
10
20
30
40
50
0
5
10
15
20
25
TC = 125 °C
TC = - 55 °C
TC = 25 °C
ID - Drain Current (A)
0.5
0.9
1.3
1.7
2.1
2.5
- 50
- 25
0
25
50
75
100
125
150
175
ID =20A
VGS =10 V
TJ - Junction Temperature (°C)
0
8
16
24
32
40
0
1234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0
8
16
24
32
40
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)


Similar Part No. - SQD30N05-20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD30N05-20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM110N05-06L VISHAY-SQM110N05-06L_V01 Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM110N05-06L VISHAY-SQM110N05-06L Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2022
SQD35N05-26L VISHAY-SQD35N05-26L Datasheet
116Kb / 7P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 24-Oct-11
SQD30N05-20L VISHAY-SQD30N05-20L_V02 Datasheet
195Kb / 10P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD30N05-20L VISHAY-SQD30N05-20L_15 Datasheet
194Kb / 11P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
SQM110N0 VISHAY-SQM110N0_15 Datasheet
162Kb / 10P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SUP75N05-07 VISHAY-SUP75N05-07 Datasheet
78Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. A, 19-Apr-99
SUD35N05-26L VISHAY-SUD35N05-26L Datasheet
38Kb / 4P
   N-Channel 55-V (D-S) 175 C MOSFET
Rev. A,16-Apr-01
SQM110N0 VISHAY-SQM110N0 Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SQM110N05 VISHAY-SQM110N05 Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com