Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD30N05-20L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQD30N05-20L
Description  Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD30N05-20L Datasheet(HTML) 4 Page - Vishay Siliconix

  SQD30N05-20L Datasheet HTML 1Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 2Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 3Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 4Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 5Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 6Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 7Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 8Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SQD30N05-20L
www.vishay.com
Vishay Siliconix
S12-1846-Rev. C, 30-Jul-12
4
Document Number: 67054
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Capacitance
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
0
300
600
900
1200
1500
0
5
10
15
20
25
30
35
40
45
50
55
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.00
0.04
0.08
0.12
0.16
0.20
0
2468
10
TJ = 25 °C
TJ = 150 °C
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
0
3
6
9
12
15
Q
g -Total Gate Charge (nC)
V
DS = 25 V
I
D = 35 A
- 1.2
- 0.9
- 0.6
- 0.3
0
0.3
0.6
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
ID =5mA
TJ - Temperature (°C)
55
58
61
64
67
70
- 50
- 25
0
25
50
75
100
125
150
175
ID =1mA
TJ - Junction Temperature (°C)


Similar Part No. - SQD30N05-20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
179Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
234Kb / 11P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
180Kb / 10P
Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
179Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
182Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD30N05-20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM110N05-06L VISHAY-SQM110N05-06L_V01 Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM110N05-06L VISHAY-SQM110N05-06L Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2022
SQD35N05-26L VISHAY-SQD35N05-26L Datasheet
116Kb / 7P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 24-Oct-11
SQD30N05-20L VISHAY-SQD30N05-20L_V02 Datasheet
195Kb / 10P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD30N05-20L VISHAY-SQD30N05-20L_15 Datasheet
194Kb / 11P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
SQM110N0 VISHAY-SQM110N0_15 Datasheet
162Kb / 10P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SUP75N05-07 VISHAY-SUP75N05-07 Datasheet
78Kb / 5P
N-Channel 55-V (D-S), 175C MOSFET
Rev. A, 19-Apr-99
SUD35N05-26L VISHAY-SUD35N05-26L Datasheet
38Kb / 4P
N-Channel 55-V (D-S) 175 C MOSFET
Rev. A,16-Apr-01
SQM110N0 VISHAY-SQM110N0 Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SQM110N05 VISHAY-SQM110N05 Datasheet
162Kb / 9P
Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com