Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD30N05-20L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQD30N05-20L
Description  Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD30N05-20L Datasheet(HTML) 2 Page - Vishay Siliconix

  SQD30N05-20L Datasheet HTML 1Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 2Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 3Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 4Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 5Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 6Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 7Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 8Page - Vishay Siliconix SQD30N05-20L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SQD30N05-20L
www.vishay.com
Vishay Siliconix
S12-1846-Rev. C, 30-Jul-12
2
Document Number: 67054
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
55
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 55 V
--
1
μA
VGS = 0 V
VDS = 55 V, TJ = 125 °C
--
50
VGS = 0 V
VDS = 55 V, TJ = 175 °C
-
-
250
On-State Drain Currenta
ID(on)
VGS = 5 V
VDS5 V
30
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 20 A
-
0.016
0.020
VGS = 10 V
ID = 20 A, TJ = 125 °C
-
-
0.035
VGS = 10 V
ID = 20 A, TJ = 175 °C
-
-
0.043
VGS = 4.5 V
ID = 15 A
-
0.021
0.026
Forward Transconductanceb
gfs
VDS = 15 V, ID = 20 A
-34
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
938
1175
pF
Output Capacitance
Coss
-
203
255
Reverse Transfer Capacitance
Crss
-
86
110
Total Gate Chargec
Qg
VGS = 5 V
VDS = 25 V, ID = 35 A
-12
18
nC
Gate-Source Chargec
Qgs
-4.1
-
Gate-Drain Chargec
Qgd
-4.8
-
Gate Resistance
Rg
f = 1 MHz
1.40
2.89
4.50
Turn-On Delay Timec
td(on)
VDD = 25 V, RL = 0.71 
ID  35 A, VGEN = 10 V, Rg = 1 
-7
11
ns
Rise Timec
tr
-10
15
Turn-Off Delay Timec
td(off)
-18
27
Fall Timec
tf
-5
8
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
120
A
Forward Voltage
VSD
IF = 80 A, VGS = 0 V
-1.2
1.5
V


Similar Part No. - SQD30N05-20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD30N05-20L VISHAY-SQD30N05-20L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD30N05-20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM110N05-06L VISHAY-SQM110N05-06L_V01 Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM110N05-06L VISHAY-SQM110N05-06L Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2022
SQD35N05-26L VISHAY-SQD35N05-26L Datasheet
116Kb / 7P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 24-Oct-11
SQD30N05-20L VISHAY-SQD30N05-20L_V02 Datasheet
195Kb / 10P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD30N05-20L VISHAY-SQD30N05-20L_15 Datasheet
194Kb / 11P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
SQM110N0 VISHAY-SQM110N0_15 Datasheet
162Kb / 10P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SUP75N05-07 VISHAY-SUP75N05-07 Datasheet
78Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. A, 19-Apr-99
SUD35N05-26L VISHAY-SUD35N05-26L Datasheet
38Kb / 4P
   N-Channel 55-V (D-S) 175 C MOSFET
Rev. A,16-Apr-01
SQM110N0 VISHAY-SQM110N0 Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
SQM110N05 VISHAY-SQM110N05 Datasheet
162Kb / 9P
   Automotive N-Channel 55 V (D-S) 175 °C MOSFET
Rev. B, 17-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com