Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ16 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL27WZ16
Description  Dual Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ16 Datasheet(HTML) 2 Page - ON Semiconductor

  NL27WZ16_12 Datasheet HTML 1Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 2Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 3Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 4Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 5Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL27WZ16
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristics
Value
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 ≤ VI ≤ +7.0
V
VO
DC Output Voltage
Output in Z or LOW State (Note 1)
−0.5 ≤ VO ≤ +7.0
V
IIK
DC Input Diode Current
VI < GND
−50
mA
IOK
DC Output Diode Current
VO < GND
−50
mA
IO
DC Output Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
PD
Power Dissipation in Still Air
SC−88, TSOP−6
200
mW
qJA
Thermal Resistance
SC−88, TSOP−6
333
°C/W
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
N/A
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85°C (Note 5)
±500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A
3. Tested to EIA/JESD22−A115−A
4. Tested to JESD22−C101−A
5. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.5
5.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage (High or LOW State)
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 1.8 V ±0.15 V
VCC = 2.5 V ±0.2 V
VCC = 3.0 V ±0.3 V
VCC = 5.0 V ±0.5 V
0
0
0
0
20
20
10
5
ns/V


Similar Part No. - NL27WZ16_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ16DBVT1G ONSEMI-NL27WZ16DBVT1G Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
NL27WZ16DFT2 ONSEMI-NL27WZ16DFT2 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16DFT2 ONSEMI-NL27WZ16DFT2 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
More results

Similar Description - NL27WZ16_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com