Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ16 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ16
Description  Dual Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ16 Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ16_12 Datasheet HTML 1Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 2Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 3Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 4Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 5Page - ON Semiconductor NL27WZ16_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 9
1
Publication Order Number:
NL27WZ16/D
NL27WZ16
Dual Buffer
The NL27WZ16 is a high performance dual buffer operating from a
1.65 to 5.5 V supply. At VCC = 3 V, high impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance.
Features
Extremely High Speed: tPD 2.0 ns (typical) at VCC = 5 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs
LVTTL Compatible − Interface Capability With 5 V TTL Logic
with VCC = 3 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Chip Complexity: FET = 72; Equivalent Gate = 18
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
VCC
IN A1
OUT Y1
GND
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
IN A2
OUT Y2
1
OUT Y1
IN A1
1
2
34
5
6
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SC−88/SC−70−6/SOT−363
DF SUFFIX
CASE 419B
1
TSOP−6
DT SUFFIX
CASE 318G
1
FUNCTION TABLE
L
H
L
H
PIN ASSIGNMENT
1
2
3
4
5
6
IN A1
GND
IN A2
OUT Y2
VCC
OUT Y1
http://onsemi.com
1
1
MR M G
G
MR = Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or position may vary
depending upon manufacturing location.
(Note: Microdot may be in either location)
MR M G
G
Pin
Function
A Input
Y Output


Similar Part No. - NL27WZ16_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ16DBVT1G ONSEMI-NL27WZ16DBVT1G Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
NL27WZ16DFT2 ONSEMI-NL27WZ16DFT2 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16DFT2 ONSEMI-NL27WZ16DFT2 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
More results

Similar Description - NL27WZ16_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com