Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54292 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS54292 Datasheet HTML 11Page - Texas Instruments TPS54292 Datasheet HTML 12Page - Texas Instruments TPS54292 Datasheet HTML 13Page - Texas Instruments TPS54292 Datasheet HTML 14Page - Texas Instruments TPS54292 Datasheet HTML 15Page - Texas Instruments TPS54292 Datasheet HTML 16Page - Texas Instruments TPS54292 Datasheet HTML 17Page - Texas Instruments TPS54292 Datasheet HTML 18Page - Texas Instruments TPS54292 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
R1
V
OUT1
R2
C1
(Optional)
1
2
3
4
16
15
14
13
PVDD2
BOOT2
SW2
PGND2
PVDD1
BOOT1
SW1
PGND1
TPS54290
5
6
7
12
11
10
BP
GND
FB2
EN1
EN2
FB1
8
9
COMP1
COMP2
C2
(Optional)
Z
UPPER
Z
LOWER
C
COMP
R
COMP
UDG-09129
OUT
L
C
C1
R1
´
=
(
)
(
)
OUT
ESR
R1
R2
C2
C
R1 R2
´
+
=
´
´
(
)
KEA
20
LOWER
UPPER
COMP
M
LOWER
10
Z
Z
R
g
Z
´
+
=
´
COMP
POLE
COMP
1
C
2
f
R
=
´ p ´
´
(
)
POLE
LOAD
OUT
1
f
2
2
R
C
=
´ p ´
´
´
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
Figure 17. Loop Compensation Network
If operating at wide duty cycles (over 50%), a capacitor may be necessary across the upper resistor of the
voltage setting divider. If duty cycles are less than 50%, this capacitor may be omitted.
(8)
If a high ESR capacitor is used in the output filter, a zero appears in the loop response that could lead to
instability. To compensate, a small capacitor is placed in parallel with the lower voltage setting divider resistor.
The value of the capacitor is determined such that a pole is placed at the same frequency as the ESR zero. If
low ESR capacitors are used, this capacitor may be omitted.
(9)
Next, calculate the value of the error amplifier gain setting resistor and capacitor using Equation 10.
(10)
(11)
where
NOTE
Once the filter and compensation component values have been established,
laboratory measurements of the physical design should be performed to confirm
converter stability.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com