Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54292 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS54292 Datasheet HTML 20Page - Texas Instruments TPS54292 Datasheet HTML 21Page - Texas Instruments TPS54292 Datasheet HTML 22Page - Texas Instruments TPS54292 Datasheet HTML 23Page - Texas Instruments TPS54292 Datasheet HTML 24Page - Texas Instruments TPS54292 Datasheet HTML 25Page - Texas Instruments TPS54292 Datasheet HTML 26Page - Texas Instruments TPS54292 Datasheet HTML 27Page - Texas Instruments TPS54292 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
(
)
KEA
11.83dB
20
20
LOWER
UPPER
COMP
M
LOWER
10
Z
Z
10
(6.49k
20.5k )
R
50.42k
53.6k
g
Z
325 S 6.49k
´
+
´
W +
W
=
=
=
W »
W
´
m ´
W
POLE
LOAD
OUT
1
1
f
1.644 kHz
2
R
C
2
4.4
22 F
=
=
=
´ p ´
´
´ p ´
W ´
m
COMP
POLE
COMP
1
1
C
1.80 nF
2
f
R
2
1.644 kHz
53.6 k
=
=
=
´ p ´
´
´ p ´
´
W
( )
( )
(
)
(
)
(
)
(
) (
)
2
2
CON1
1
1
DS on HS
DS on LS
SW 1 RMS
P
R
D
R
1
D
I
150 m
0.413
100 m
0.587
1.51
0.275 W
æ
ö
=
´
+
´ -
´
=
W ´
+
W ´
´
=
ç
÷
è
ø
( )
( )
(
)
(
)
(
)
(
) (
)
2
2
CON2
1
1
DS on HS
DS on LS
SW 1 RMS
P
R
D
R
1
D
I
105 m
0.15
75 m
0.85
2.51
0.501W
æ
ö
=
´
+
´ -
´
=
W ´
+
W ´
´
=
ç
÷
è
ø
(
)
2
2
OSS(HS)
OSS(LS)
SW
IN max
SW1
V
(C
C
)
14
(140pF
200pF) 600kHz
P
20mW
2
2
´
+
´
´
+
´
»
=
=
f
(
)
(
)
( )
2
2
SW
IN max
OSS HS
OSS LS
SW 2
V
(C
C
)
14
(200pF
280pF) 600kHz
P
28mW
2
2
´
+
´
´
+
´
»
=
=
f
(
)
(
)
(
)
REG
DD
BP
BP
IN max
IN max
P
I
V
I
V
V
10 mA
14 V
140 mW
»
´
+
´
-
=
´
=
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
Compensation Gain Setting Resistor
RCOMP programs the mid-band error amplifier gain to set the desired cross-over frequency in Equation 38.
(38)
Compensation Integrator Capacitor
An integrator capacitor provides maximum DC gain for the best possible DC regulation while programming the
compensation zero to match the natural pole of the output filter. CCOMP is selected by Equation 40.
(39)
(40)
Bootstap Capacitor
To ensure proper charging of the high-side FET gate and limit the ripple voltage on the boost capacitor, a 47-nF
boot strap capacitor is recommended.
Power Dissipation
The power dissipation in the TPS54291 is made from FET conduction losses, switching losses and regulator
losses.
Conduction losses are estimated by Equation 41 and Equation 42.
(41)
(42)
The switching losses are estimated by Equation 43 and Equation 44.
(43)
(44)
The regulator losses are estimated by Equation 45.
(45)
Total power dissipation in the device is the sum of conduction losses and switching losses for both channels plus
regulator losses, which is estimated to be 1.01 W.
24
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com