Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54292 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54292 Datasheet HTML 17Page - Texas Instruments TPS54292 Datasheet HTML 18Page - Texas Instruments TPS54292 Datasheet HTML 19Page - Texas Instruments TPS54292 Datasheet HTML 20Page - Texas Instruments TPS54292 Datasheet HTML 21Page - Texas Instruments TPS54292 Datasheet HTML 22Page - Texas Instruments TPS54292 Datasheet HTML 23Page - Texas Instruments TPS54292 Datasheet HTML 24Page - Texas Instruments TPS54292 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
(
)
(
)
OUT
OUT
MAX1
MAX2
IN m in
IN m in
V
V
3.3
1.2
D
0.413
D
0.15
V
8.0
V
8.0
»
=
=
¾¾®
»
=
=
(
)
(
)
OUT
OUT
MIN1
MIN2
IN max
IN max
V
V
3.3
1.2
D
0.236
D
0.086
V
14
V
14
»
=
=
¾¾®
»
=
=
(
)
(
)
Lrip1 max
OUT max
I
0.30 I
0.3 1.5 A
0.450 A
=
´
=
´
=
(
)
(
)
Lrip2 max
OUT max
I
0.30 I
0.3 2.5 A
0.750 A
=
´
=
´
=
(
)
(
)
f
OUT
IN max
MIN1
MIN
SW
LRIP max
V
V
1
14
3.3
1
L
D
0.236
9.35 H
I
0.45 A
600 kHz
-
-
»
´
´
=
´
´
=
m
(
)
(
)
f
OUT
IN m ax
MIN2
MIN
SW
LRIP m ax
V
V
1
14
1.2
1
L
D
0.086
2.45
H
I
0.75 A
600 kHz
-
-
»
´
´
=
´
´
=
m
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
The list of materials for this application is shown below in Table 2. The efficiency, line regulation and load
regulation from printed circuit boards built using this design are shown in Figure 23 and Figure 24.
Figure 21. TPS54291 Design Example 1 Schematic
Step by Step Design Procedure
Duty Cycle Estimation
The duty cycle of the main switching FET is estimated by Equation 16 and Equation 17.
(16)
(17)
Inductor Selection
The peak to peak ripple should be limited to between 20% and 30% of the maximum output current.
(18)
(19)
The minimum inductor size can be estimated by Equation 20 and Equation 21.
(20)
(21)
The standard inductor values of 8.2 µH and 3.3 µH are selected for Channel 1 and Channel 2 respectively. The
actual ripple currents are estimated by Equation 22 and Equation 23.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com