Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54292 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS54292 Datasheet HTML 16Page - Texas Instruments TPS54292 Datasheet HTML 17Page - Texas Instruments TPS54292 Datasheet HTML 18Page - Texas Instruments TPS54292 Datasheet HTML 19Page - Texas Instruments TPS54292 Datasheet HTML 20Page - Texas Instruments TPS54292 Datasheet HTML 21Page - Texas Instruments TPS54292 Datasheet HTML 22Page - Texas Instruments TPS54292 Datasheet HTML 23Page - Texas Instruments TPS54292 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
DESIGN EXAMPLES
Design Example 1
The following example illustrates the design process and component selection for a 12-V to 5-V and 3.3-V dual
non-synchronous buck regulator using the TPS54291 converter. A definition of symbols used can be found in
Table 1 of the appendix
Table 1. Design Example Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERSTICS
VIN
Input voltage
8
12
14
V
IIN
Input current
VIN = Nom, IOUT = Max
A
No load input current
VIN = Nom, IOUT = 0 A
12
20
mA
VIN(UVLO)
Input UVLO
IOUT = Min to Max
4
4.2
4.4
V
OUTPUT CHARACTERSTICS
VOUT1
Output voltage 1
VIN = Nom, IOUT = Nom
3.2
3.3
3.4
V
VOUT2
Output voltage 2
VIN = Nom, IOUT = Nom
1.15
1.20
1.25
V
Line regulation
VIN = Min to Max
1%
Load regulation
IOUT = Min to Max
1%
VOUT1(ripple)
Output1 voltage Ripple
VIN = Nom, IOUT1 = Max
50
mVPP
VOUT2(ripple)
Output2 voltage Ripple
VIN = Nom, IOUT2 = Max
24
mVPP
IOUT1
Output current 1
VIN = Min to Max
0
1.5
A
IOUT2
Output current 2
VIN = Min to Max
0
2.5
A
IOCP1
Output overcurrent Channel 1
VIN = Nom, VOUT = (VOUT1 – 5%)
1.8
2.2
2.6
A
IOCP2
Output overcurrent Channel 2
VIN = Nom, VOUT = (VOUT2 – 5%)
3.2
3.8
4.6
A
TRANSIENT RESPONSE
ΔVOUT
Change from load transient
ΔIOUT = 1 A @ 3 µA/s
200
mV
Settling time
to 1% of VOUT
1
ms
SYSTEMS CHARACTERSTICS
f SW
Switching frequency
500
600
700
kHz
ηPEAK
Peak efficiency
VIN = Nom
90%
η
Full load efficiency
VIN = Nom, IOUT = Max
80%
TOP
Operating temperature range
VIN = Min to Max, IOUT = Min to Max
0
25
60
°C
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com