Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54292 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS54292 Datasheet HTML 13Page - Texas Instruments TPS54292 Datasheet HTML 14Page - Texas Instruments TPS54292 Datasheet HTML 15Page - Texas Instruments TPS54292 Datasheet HTML 16Page - Texas Instruments TPS54292 Datasheet HTML 17Page - Texas Instruments TPS54292 Datasheet HTML 18Page - Texas Instruments TPS54292 Datasheet HTML 19Page - Texas Instruments TPS54292 Datasheet HTML 20Page - Texas Instruments TPS54292 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
( )
(
)
(
)
2
2
O
D(cond)
DS(on)LS
O
DS on HS
I
P
R
D R
1 D
I
12
æ
ö
D
ç
÷
=
´ +
´ -
´
+
ç
÷
è
ø
(
)
(
)
(
)
2
IN
OSS
OSS
S
D(SW )
V
C
HS
C
LS
f
P
2
´
+
´
=
D
D(cond)output1
D(SW )output1
D(cond)output2
D(SW )output2
IN
P
P
P
P
P
V
Iq
=
+
+
+
+
´
(
)
J
A
D
TH(pkg)
TH(pad amb)
T
T
P
-
=
+
´ q
+ q
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
OVER-TEMPERATURE PROTECTION AND JUNCTION TEMPERATURE RISE
The over temperature thermal protection limits the maximum power to be dissipated at a given operating ambient
temperature. In other words, at a given device power dissipation, the maximum ambient operating temperature is
limited by the maximum allowable junction operating temperature. The device junction temperature is a function
of power dissipation, and the thermal impedance from the junction to the ambient. If the internal die temperature
should reach the thermal shutdown level, the TPS5429x shuts off both PWMs and remain in this state until the
die temperature drops below 125°C, at which time the device restarts.
The first step in determining the device junction temperature is to calculate the power dissipation. The power
dissipation is dominated by the two switching MOSFETs and the BP internal regulator. The power dissipated by
each MOSFET is composed of conduction losses and switching losses. The total conduction loss in the high side
and low side MOSFETs for each channel is given by Equation 12.
(12)
where
IO is the DC output current,
ΔIO is the peak-to-peak ripple current in the inductor
Notice the impact of operating duty cycle on the result.
The switching loss for each channal is approximated by Equation 13.
(13)
where
COSS(HS) is the output capacitance of the high-side MOSFET
COSS(LS) is the output capacitance of the low-side MOSFET
ƒS is the switching frequency
The total power dissipation is found by summing the power loss for both MOSFETs plus the loss in the internal
regulator.
(14)
The temperature rise of the device junction is dependent on the thermal impedance from junction to the mounting
pad (See Package Dissipation Ratings), plus the thermal impedance from the thermal pad to ambient. The
thermal impedance from the thermal pad to ambient is dependent on the PCB layout (PowerPAD interface to the
PCB, the exposed pad area) and airflow (if any). See PCB Layout Guidelines, Additional References.
The operating junction temperature is shown in Equation 15.
(15)
where
θth is the thermal impedance
BYPASSING AND FILTERING
As with any integrated circuit, supply bypassing is important for jitter free operation. To improve the noise
immunity of the converter, ceramic bypass capacitors must be placed as close to the package as possible.
PVDD1 to GND – Use a 10 µF ceramic capacitor
PVDD2 to GND – Use a 10 µF ceramic capacitor
BP to GND – Use a 4.7 µF Ceramic capacitor
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com