Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1645P Datasheet(PDF) 14 Page - Sony Corporation

Part # CXA1645P
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1645P Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXA1645P Datasheet HTML 6Page - Sony Corporation CXA1645P Datasheet HTML 7Page - Sony Corporation CXA1645P Datasheet HTML 8Page - Sony Corporation CXA1645P Datasheet HTML 9Page - Sony Corporation CXA1645P Datasheet HTML 10Page - Sony Corporation CXA1645P Datasheet HTML 11Page - Sony Corporation CXA1645P Datasheet HTML 12Page - Sony Corporation CXA1645P Datasheet HTML 13Page - Sony Corporation CXA1645P Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
– 14 –
CXA1645P/M
Package Outline
Unit: mm
CXA1645P
CXA1645M
24PIN DIP (PLASTIC) 400mil
30.2 – 0.1
+ 0.4
24
13
112
2.54
0° to 15°
0.5 ± 0.1
1.2 ± 0.15
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER PLATING
COPPER / 42 ALLOY
DIP-24P-01
∗DIP024-P-0400-A
2.0g
SONY CODE
EIAJ CODE
JEDEC CODE
M
PACKAGE STRUCTURE
MOLDING COMPOUND
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY/PHENOL RESIN
SOLDER PLATING
COPPER ALLOY / 42ALLOY
24PIN SOP (PLASTIC)
15.0 – 0.1
+ 0.4
112
13
24
1.27
0.45 ± 0.1
0.2 – 0.05
+ 0.1
0.1 – 0.05
+ 0.2
0.15
1.85 – 0.15
+ 0.4
± 0.12
SOP-24P-L01
∗SOP024-P-0300-A
0.3g


Similar Part No. - CXA1645P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1642 SONY-CXA1642 Datasheet
76Kb / 5P
VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642M SONY-CXA1642M Datasheet
76Kb / 5P
VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1644 SONY-CXA1644 Datasheet
222Kb / 11P
ECHO EFFECT GENERATOR
CXA1644P SONY-CXA1644P Datasheet
222Kb / 11P
ECHO EFFECT GENERATOR
More results

Similar Description - CXA1645P

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1268 MITSUMI-MM1268 Datasheet
193Kb / 7P
RGB Encoder
logo
List of Unclassifed Man...
ES71145 ETC-ES71145 Datasheet
113Kb / 7P
RGB ENCODER
logo
Fujitsu Component Limit...
MB3516A FUJITSU-MB3516A Datasheet
126Kb / 13P
RGB Encoder
logo
Sony Corporation
CXA1145P SONY-CXA1145P Datasheet
315Kb / 12P
RGB Encoder
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
RGB ENCODER FOR NTSC
KA2197D SAMSUNG-KA2197D Datasheet
55Kb / 5P
RGB ENCODER FOR NTSC
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
RGB to NTSC/PAL Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com