Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77401-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77401-EP
Description  250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77401-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS77401-EP Datasheet HTML 6Page - Texas Instruments TPS77401-EP Datasheet HTML 7Page - Texas Instruments TPS77401-EP Datasheet HTML 8Page - Texas Instruments TPS77401-EP Datasheet HTML 9Page - Texas Instruments TPS77401-EP Datasheet HTML 10Page - Texas Instruments TPS77401-EP Datasheet HTML 11Page - Texas Instruments TPS77401-EP Datasheet HTML 12Page - Texas Instruments TPS77401-EP Datasheet HTML 13Page - Texas Instruments TPS77401-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
TPS77x33
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
f − Frequency − Hz
100
1k
10k
100k
10
1
IO = 1 mA
IO = 250 mA
0.1
0.01
CO = 10 µF
TJ = 25 °C
f − Frequency − Hz
10
100
100k
10M
10
1
10k
1k
IO = 250 mA
TPS77x33
OUTPUT IMPEDANCE
vs
FREQUENCY
0.1
0.01
1M
TJ = 25 °C
IO = 1 mA
200
150
100
0
2.7
3.2
3.7
4.2
300
350
400
4.7
250
50
TPS77x01
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
TJ = 125 °C
TJ = −40 °C
TJ = 25 °C
IO = 250 mA
−50
0
50
100
150
200
250
300
−40
0
40
80
120
160
TPS77x33
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
IO = 250 mA
IO = 10 mA
IO = 0 A
TPS77401-EP
250-mA LDO VOLTAGE REGULATOR
WITH POWER-GOOD OUTPUT
SLVS702 – OCTOBER 2006
Figure 8.
Figure 9.
Figure 10.
Figure 11.
10
Submit Documentation Feedback


Similar Part No. - TPS77401-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77401 TI-TPS77401 Datasheet
355Kb / 23P
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77401 TI-TPS77401 Datasheet
518Kb / 26P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401 TI1-TPS77401 Datasheet
883Kb / 25P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401DGK TI-TPS77401DGK Datasheet
355Kb / 23P
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77401DGK TI-TPS77401DGK Datasheet
347Kb / 24P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77401-EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
500 mA Output LDO Regulator with Voltage Detector
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com