Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77401-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77401-EP
Description  250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77401-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS77401-EP Datasheet HTML 3Page - Texas Instruments TPS77401-EP Datasheet HTML 4Page - Texas Instruments TPS77401-EP Datasheet HTML 5Page - Texas Instruments TPS77401-EP Datasheet HTML 6Page - Texas Instruments TPS77401-EP Datasheet HTML 7Page - Texas Instruments TPS77401-EP Datasheet HTML 8Page - Texas Instruments TPS77401-EP Datasheet HTML 9Page - Texas Instruments TPS77401-EP Datasheet HTML 10Page - Texas Instruments TPS77401-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
TPS77401-EP
250-mA LDO VOLTAGE REGULATOR
WITH POWER-GOOD OUTPUT
SLVS702 – OCTOBER 2006
Electrical Characteristics (continued)
over recommended operating junction temperature range (T
J = –55°C to 125°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V,
C
O = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 250 mA,
TJ = 25°C
270
2.8-V output
IO = 250 mA
475
TJ = 25°C
200
Dropout
VDO
3.3-V output
IO = 250 mA
mV
voltage(4)
TJ = Full Range
350
IO = 250 mA,
TJ = 25°C
125
5-V output
IO = 250 mA
190
(4)
IN voltage equals VO(typ) – 100 mV; 1.5-V, 1.8-V, and 2.7-V dropout voltage limited by input voltage range limitations (i.e., 3.3-V input
voltage needs to drop to 3.2-V for purpose of this test).
7
Submit Documentation Feedback


Similar Part No. - TPS77401-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77401 TI-TPS77401 Datasheet
355Kb / 23P
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77401 TI-TPS77401 Datasheet
518Kb / 26P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401 TI1-TPS77401 Datasheet
883Kb / 25P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401DGK TI-TPS77401DGK Datasheet
355Kb / 23P
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77401DGK TI-TPS77401DGK Datasheet
347Kb / 24P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77401-EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
500 mA Output LDO Regulator with Voltage Detector
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com