Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77401-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77401-EP
Description  250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77401-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS77401-EP Datasheet HTML 2Page - Texas Instruments TPS77401-EP Datasheet HTML 3Page - Texas Instruments TPS77401-EP Datasheet HTML 4Page - Texas Instruments TPS77401-EP Datasheet HTML 5Page - Texas Instruments TPS77401-EP Datasheet HTML 6Page - Texas Instruments TPS77401-EP Datasheet HTML 7Page - Texas Instruments TPS77401-EP Datasheet HTML 8Page - Texas Instruments TPS77401-EP Datasheet HTML 9Page - Texas Instruments TPS77401-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
Line regulation (mV)
+ % V
V
O
V
I(max) *
2.7 V
100
1000
Line regulation (mV)
+ % V
V
O
V
I(max) *
V
O )
1
100
1000
Electrical Characteristics
TPS77401-EP
250-mA LDO VOLTAGE REGULATOR
WITH POWER-GOOD OUTPUT
SLVS702 – OCTOBER 2006
over recommended operating junction temperature range (T
J = –55°C to 125°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V,
C
O = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 125°C
0.98VO
1.02VO
Adjustable voltage
1.5 V
≤ V
O ≤ 5.5 V
V
TJ = Full range
0.977VO
1.023VO
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
1.5-V output
V
2.7 V < VIN < 10 V
1.470
1.530
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
1.8-V output
2.8 V < VIN < 10 V
1.764
1.836
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
Output voltage(1)(2)
2.7-V output
3.7 V < VIN < 10 V
2.646
2.754
V
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
2.8-V output
3.8 V < VIN < 10 V
2.744
2.856
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
3.3-V output
4.3 V < VIN < 10 V
3.234
3.366
TJ = 25°C,
6 V < VIN < 10 V
5.0
5-V output
V
6.0 V < VIN < 10 V
4.9
5.1
TJ = 25°C
92
Quiescent current (GND current)(1)(2)
µA
TJ = Full range
135
VO + 1 V < VI ≤ 10 V,
TJ = 25°C
0.005
%/V
Output voltage line regulation (
∆V
O/VO)
(3)
VO + 1 V < VI ≤ 10 V
0.05
%/V
Load regulation
TJ = 25°C
1
mV
BW = 300 Hz to 100
Output noise voltage
TJ = 25°C
55
µVrms
kHz,
Output current limit
VO = 0 V
0.9
1.3
A
Peak output current
2 ms pulse width,
50% duty cycle
400
mA
Thermal shutdown junction temperature
144
°C
TJ = 25°C
1
Standby current
EN = VI
µA
TJ = Full range
3
FB input current
Adjustable voltage
FB = 1.5 V
1
µA
High-level enable input voltage
2
V
Low-level enable input voltage
0.7
V
Enable input current
–1
1
µA
PSRR
Power-supply rejection ratio
f = 1 kHz,
TJ = 25°C
55
dB
Minimum input voltage for valid PG
I(PG) = 300 µA,
V(PG) ≤ 0.8 V
1.1
V
Trip threshold voltage
VO decreasing
79
85
%VO
PG
Hysteresis voltage
Measured at VO
0.5
Output low voltage
VI = 2.7 V,
I(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
(1)
Minimum input operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum input voltage = 10 V, minimum output current
1 mA.
(2)
IO = 1 mA to 250 mA
(3)
If VO < 1.8 V, then VI(max) = 10 V, VI(min) = 2.7 V:
If VO > 2.5 V, then VI(max) = 10 V, VI(min) = VO + 1 V:
6
Submit Documentation Feedback


Similar Part No. - TPS77401-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77401 TI-TPS77401 Datasheet
355Kb / 23P
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77401 TI-TPS77401 Datasheet
518Kb / 26P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401 TI1-TPS77401 Datasheet
883Kb / 25P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401DGK TI-TPS77401DGK Datasheet
355Kb / 23P
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77401DGK TI-TPS77401DGK Datasheet
347Kb / 24P
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77401-EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
500 mA Output LDO Regulator with Voltage Detector
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com