Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK1005HM102 Datasheet(PDF) 12 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK1005HM102
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK1005HM102 Datasheet(HTML) 12 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BK1005HM102 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
mlci0109_reli-PRP1
mlci0109_reli_e-01
PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Tape & Reel Packaging
①Minimum Quantity
②Taping material
Paper tape (0.315 inches wide)
③Taping Dimensions
Unit : mm(inch)
To next page
C K
2125
C K S 2125
C K P 2012
C K P 2016
C K P 2520
N M
2012
N M
2520
L K
2125
H K
2125
B K
2125
B K
3216
Type
Thickness
〔mm〕
(inch)
Chip cavity
Insertion
Pitch
Tape
Thickness
A
B
F
T
CK1608(0603)
0.8
(0.031)
1.0±0.2
(0.039±0.008)
1.8±0.2
(0.071±0.008)
4.0±0.1
(0.157±0.004)
1.1max
(0.043max)
CK2125(0805)
0.85
(0.033)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.1max
(0.043max)
CKS2125(0805)
0.85
(0.033)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.1max
(0.043max)
LK1005(0402)
0.5
(0.020)
0.65±0.1
(0.026±0.004)
1.15±0.1
(0.045±0.004)
2.0±0.05
(0.079±0.002)
0.8max
(0.031max)
LK1608(0603)
0.8
(0.031)
1.0±0.2
(0.039±0.008)
1.8±0.2
(0.071±0.008)
4.0±0.1
(0.157±0.004)
1.1max
(0.043max)
LK2125(0805)
0.85
(0.033)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.1
(0.157±0.004)
1.1max
(0.043max)
HK0402(01005)
0.2
(0.008)
0.25±0.04
(0.010±0.002)
0.45±0.04
(0.018±0.002)
2.0±0.05
(0.079±0.002)
0.36max
(0.014max)
HK0603(0201)
0.3
(0.012)
0.40±0.06
(0.016±0.002)
0.70±0.06
(0.028±0.002)
2.0±0.05
(0.079±0.002)
0.45max
(0.018max)
HK1005(0402)
0.5
(0.020)
0.65±0.1
(0.026±0.004)
1.15±0.1
(0.045±0.004)
2.0±0.05
(0.079±0.002)
0.8max
(0.031max)
HK1608(0603)
0.8
(0.031)
1.0±0.2
(0.039±0.008)
1.8±0.2
(0.071±0.008)
4.0±0.1
(0.157±0.004)
1.1max
(0.043max)
HKQ0603S(0201)
0.3
(0.012)
0.40±0.06
(0.016±0.002)
0.70±0.06
(0.028±0.002)
2.0±0.05
(0.079±0.002)
0.45max
(0.018max)
HKQ0603U(0201)
0.3
(0.012)
0.40±0.06
(0.016±0.002)
0.70±0.06
(0.028±0.002)
2.0±0.05
(0.079±0.002)
0.45max
(0.018max)
AQ105(0402)
0.5
(0.020)
0.75±0.1
(0.030±0.004)
1.15±0.1
(0.045±0.004)
2.0±0.05
(0.079±0.002)
0.8max
(0.031max)
Type
Thickness
[mm]
(inch)
Standard Quantity[pcs]
Paper Tape
Embossed Tape
CK1608(0603)
0.8
4000
(0.031)
CK2125(0805)
0.85
4000
(0.033)
1.25
2000
(0.049)
CKS2125(0805)
0.85
4000
(0.033)
1.25
2000
(0.049)
CKP2012(0805)
0.9
3000
(0.035)
CKP2016(0806)
0.9
3000
(0.035)
CKP2520(1008)
0.7
3000
(0.028)
0.9
3000
(0.035)
1.1
2000
(0.043)
NM2012(0805)
0.9
3000
(0.035)
NM2520(1008)
1.1
2000
(0.043)
LK1005(0402)
0.5
10000
(0.020)
LK1608(0603)
0.8
4000
(0.031)
LK2125(0805)
0.85
4000
(0.033)
1.25
2000
(0.049)
HK0402(01005)
0.2
20000
(0.008)
HK0603(0201)
0.3
15000
(0.012)
HK1005(0402)
0.5
10000
(0.020)
HK1608(0603)
0.8
4000
(0.031)
HK2125(0805)
0.85
4000
(0.033)
1.0
3000
(0.039)
HKQ0603S(0201)
0.3
15000
(0.012)
HKQ0603U(0201)
0.3
15000
(0.012)
AQ105(0402)
0.5
10000
(0.020)
BK0402(01005)
0.2
20000
(0.008)
BK0603(0201)
0.3
15000
(0.012)
BK1005(0402)
0.5
10000
(0.020)
BKH1005(0402)
0.5
10000
(0.020)
BK1608(0603)
0.8
4000
(0.031)
BK2125(0805)
0.85
4000
(0.033)
1.25
2000
(0.049)
BK2010(0804)
0.45
4000
(0.018)
BK3216(1206)
0.8
4000
(0.031)
BKP0603(0201)
0.3
15000
(0.012)
BKP1005(0402)
0.5
10000
(0.020)
BKP1608(0603)
0.8
4000
(0.031)
BKP2125(0805)
0.85
4000
(0.033)
C K
16 0 8
C K
2125
C K S 2125
L K
10 0 5
L K
16 0 8
L K
2125
H K
0 4 0 2
H K
0 6 0 3
H K
10 0 5
H K
16 0 8
H K Q 0 6 0 3
A Q
10 5
B K
0 4 0 2
B K
0 6 0 3
B K
10 0 5
B K
16 0 8
B K
2125
B K
2010
B K P 0 6 0 3
B K P 10 0 5
B K P 16 0 8
B K P 2125
B K H 10 0 5


Similar Part No. - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors for Automotive
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV_V01 Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T_V01 Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com