Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK1005HM102 Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK1005HM102
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK1005HM102 Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  BK1005HM102 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
127
12
mlci07_e-01
AVAILABLE MATERIALS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
I max=100~200mA
1
6
7
2
3
4 5
1000
800
600
400
200
0
Frequency [MHz]
100
10000
1000
10
1
1 LL121
2 LL800
3 LL560
4 LL470
5 LL330
6 LL220
7 LL100
I max=100~200mA
I max=150~500mA
800
500
600
700
400
300
200
100
0
100
10000
1000
10
1
Frequency [MHz]
1 HS601
2 HS241
3 HS121
4 HS800
5 HS330
6 HS220
1
2
3
4
5
6
Frequency [MHz]
100
1000
10000
10
1
1
2
3
4
5
1 HM601
2 HM471
3 HM241
4 HM121
5 HM600
1000
900
800
700
600
500
400
300
200
100
0
HS
HS
HS
HS
HW
HW
HW
HW
I max=300~600mA
I max=300mA
I max=200mA
I max=300~1500mA
HM
HM
HM
HM
HM
I max=200~350mA
I max=250~500mA
I max=150~200mA
1 LL241
2 LL181
3 LL121
4 LL680
5 LL560
6 LL470
7 LL300
2000
1000
0
1
3
4
5
2
6
7
LM
LM
LM
LM
I max=200~300mA
TS
TS
TS
I max=300~400mA
HS
HS
HS
HS
HS
HM
HM
HM
HM
HM
LM
LM
LM
LM
LL
LL
LL
I max=300~1200mA
I max=400~800mA
I max=300~600mA
I max=200~400mA
I max=150~350mA
1600
1400
1200
1000
800
600
400
200
HM
HM
HM
HM
HM
HM750
6
6
I max=300~1000mA
I max=250~600mA
I max=120mA
1 HS102
2 HS601
3 HS431
4 HS241
5 HS121
6 HS680
7 HS800
8 HS330
9 HS100
1
0
1200
1000
800
600
400
200
2
3
4
5
88
77
99
66
2500
2000
1500
1000
500
0
1 LL241
2 LL181
3 LL121
4 LL680
5 LL470
6 LL330
7 LL220
8 LL100
2
3
4 5
6 7
8
1
0
2500
2000
1500
1000
500
1 LM182
1
I max=300~500mA
I max=240~540mA
I max=220~260mA
700
500
300
HW
HW
HW
HW
HW
200
180
160
140
120
100
80
60
40
20
0
1 121
2 700
3 100
300
250
200
150
100
50
0
1 121
2 750
0
800
600
400
200
1 HR601
1
3000
2500
2000
1500
1000
500
0
1
2
1 LM182
2 LM152
BK0603
BK1005
BK0402
BK1608
BK2125
HS type
HM type
LL type
HW type
HS type
HM type
HS type
HM type
LL type
LM type
HR type
HW type
HS type
HM type
LL type
LL type
LM type
TS type
HS type
HM type
LL type
LM type
BKH type


Similar Part No. - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors for Automotive
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV_V01 Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T_V01 Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com