Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK1005HM102 Datasheet(PDF) 26 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK1005HM102
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK1005HM102 Datasheet(HTML) 26 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BK1005HM102 Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 23Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 24Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 25Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 26Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 27Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
12
mlci0109_reli-PRP15
mlci0109_reli_e-01
PRECAUTIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Precautions on the use of Multilayer chip Inductors, Multilayer chip inductors for high frequency, Multilayer chip bead Inductors
4. Soldering
Precautions
◆Selection of Flux
1. Since flux may have a significant effect on the performance of inductors, it is necessary to verify the following conditions prior to use;
(1)Flux used should be with less than or equal to 0.1 wt%(Chlorine conversion method)of halogenated content. Flux having a strong acidity content should
not be applied.
(2)When soldering inductors on the board, the amount of flux applied should be controlled at the optimum level.
(3)When using water-soluble flux, special care should be taken to properly clean the boards.
◆Soldering
1. Temperature, time, amount of solder, etc. are specified in accordance with the following recommended conditions, and please contact us about peak tem-
and please contact us about peak tem-
perature when you use lead-free paste.
Technical
consider-
ations
◆Selection of Flux
1-1. When too much halogenated substance(Chlorine, etc.)content is used to activate the flux, or highly acidic flux is used, an excessive amount of residue
after soldering may lead to corrosion of the terminal electrodes or degradation of insulation resistance on the surface of the Inductor.
1-2. Flux is used to increase solderability in flow soldering, but if too much is applied, a large amount of flux gas may be emitted and may detrimentally affect
solderability. To minimize the amount of flux applied, it is recommended to use a flux-bubbling system.
1-3. Since the residue of water-soluble flux is easily dissolved by water content in the air, the residue on the surface of Inductor in high humidity conditions may
cause a degradation of insulation resistance and therefore affect the reliability of the components. The cleaning methods and the capability of the machines
used should also be considered carefully when selecting water-soluble flux.
◆Soldering
1-1. Preheating when soldering
Heating: Chip inductor components should be preheated to within 100 to 130℃ of the soldering. Cooling: The temperature difference between the
components and cleaning process should not be greater than 100℃.
Chip inductors are susceptible to thermal shock when exposed to rapid or concentrated heating or rapid cooling. Therefore, the soldering process must be
conducted with a great care so as to prevent malfunction of the components due to excessive thermal shock.
Recommended conditions for soldering
[Reflow soldering]
Temperature profile
Peak 260℃ max
10 sec max
(Pb free soldering)
(Pb free soldering)
(Pb free soldering)
Peak 260℃ max
10 sec max
※Ceramic chip components should be preheated to
within 100 to 130℃ of the soldering.
※Assured to be reflow soldering for 2 times.
※Ceramic chip components should be preheated to
within 100 to 130℃ of the soldering.
※Assured to be wave soldering for 1 time.
※Except for reflow soldering type.
(※⊿TT190℃(3216Type max),⊿T≦130℃(3225
Type ming)
※It is recommended to use 20W soldering iron and
the tip is 1φ or less.
※The soldering iron should not directly touch the
components.
※Assured to be soldering iron for 1 time.
Note: The above profiles are the maximum allowable
soldering condition, therefore these profiles are
not always recommended.
Temperature(℃)
300
200
100
0
Temperature(℃)
300
200
100
0
Temperature(℃)
400
300
200
100
0
Preheating
150℃
60 sec min
Gradually
cooling
Gradually
cooling
Gradually
cooling
Heating above 230℃
40 sec max
Preheating
150℃
120 sec min
350℃ max
3 sec max
60 sec min
⊿T
Caution
1. The ideal condition is to have solder mass(fillet)controlled to 1/2 to 1/3 of the thickness of the inductor, as shown below:
2. Because excessive dwell times can detrimentally affect solderability, soldering duration should be kept as close to recommended times as possible.
[Wave soldering]
Temperature profile
Peak 260℃ max
10 sec max
(Pb free soldering)
(Pb free soldering)
(Pb free soldering)
Peak 260℃ max
10 sec max
※Ceramic chip components should be preheated to
within 100 to 130℃ of the soldering.
※Assured to be reflow soldering for 2 times.
※Ceramic chip components should be preheated to
within 100 to 130℃ of the soldering.
※Assured to be wave soldering for 1 time.
※Except for reflow soldering type.
(※⊿TT190℃(3216Type max),⊿T≦130℃(3225
Type ming)
※It is recommended to use 20W soldering iron and
the tip is 1φ or less.
※The soldering iron should not directly touch the
components.
※Assured to be soldering iron for 1 time.
Note: The above profiles are the maximum allowable
soldering condition, therefore these profiles are
not always recommended.
Temperature(℃)
300
200
100
0
Temperature(℃)
300
200
100
0
Temperature(℃)
400
300
200
100
0
Preheating
150℃
60 sec min
Gradually
cooling
Gradually
cooling
Gradually
cooling
Heating above 230℃
40 sec max
Preheating
150℃
120 sec min
350℃ max
3 sec max
60 sec min
⊿T
Caution
1. Make sure the inductors are preheated sufficiently.
2. The temperature difference between the inductor and melted solder should not be greater than 100 to 130℃.
3. Cooling after soldering should be as gradual as possible.
4. Wave soldering must not be applied to the inductors designated as for reflow soldering only.
[Hand soldering]
Temperature profile
Peak 260℃ max
10 sec max
(Pb free soldering)
(Pb free soldering)
(Pb free soldering)
Peak 260℃ max
10 sec max
※Ceramic chip components should be preheated to
within 100 to 130℃ of the soldering.
※Assured to be reflow soldering for 2 times.
※Ceramic chip components should be preheated to
within 100 to 130℃ of the soldering.
※Assured to be wave soldering for 1 time.
※Except for reflow soldering type.
(※⊿TT190℃(3216Type max),⊿T≦130℃(3225
Type ming)
※It is recommended to use 20W soldering iron and
the tip is 1φ or less.
※The soldering iron should not directly touch the
components.
※Assured to be soldering iron for 1 time.
Note: The above profiles are the maximum allowable
soldering condition, therefore these profiles are
not always recommended.
Temperature(℃)
300
200
100
0
Temperature(℃)
300
200
100
0
Temperature(℃)
400
300
200
100
0
Preheating
150℃
60 sec min
Gradually
cooling
Gradually
cooling
Gradually
cooling
Heating above 230℃
40 sec max
Preheating
150℃
120 sec min
350℃ max
3 sec max
60 sec min
⊿T
Caution
1. Use a 20W soldering iron with a maximum tip diameter of 1.0 mm.
2. The soldering iron should not directly touch the inductor.


Similar Part No. - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors for Automotive
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV_V01 Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T_V01 Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com