Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK1005HM102 Datasheet(PDF) 20 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK1005HM102
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK1005HM102 Datasheet(HTML) 20 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BK1005HM102 Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 23Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 24Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
12
mlci0109_reli-PRP9
mlci0109_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Multilayer chip inductors and beads
12. Resistance to Soldering
BK0402
Appearance:No significant abnormality.
Impedance change:Within ±30%
BK0603
BK1005
BKH1005
BK1608
BK2125
ARRAY
BK2010
BK3216
BKP0603
BKP1005
BKP1608
BKP2125
CK1608
No mechanical damage.
Remaining terminal electrode:70% min.
Inductance change
R10~4R7 :Within ±10%
6R8~100 :Within ±15%
CKS2125 :Within ±20%
CKP2012、CKP2016、CKP2520、NM2012、NM2520:Within ±30%
CK2125
CKS2125
CKP2012
CKP2016
CKP2520
NM2012
NM2520
LK1005
No mechanical damage. Remaining terminal electrode:70% min. Inductance change:Within ±15%
LK1608
No mechanical damage.
Remaining terminal electrode:70% min. Inductance change 47N~4R7:Within ±10% 5R6~330:Within ±15%
LK2125
HK0402
No mechanical damage.
Remaining terminal electrode:70% min. Inductance change:Within ±5%
HK0603
HK1005
HK1608
HK2125
HKQ0603S
HKQ0603U
AQ105
【Test Methods and Remarks】
Solder temperature:260±5℃
Duration:10±0.5 sec.
Preheating temperature:150 to 180℃
Preheating time:3 min.
Flux:Immersion into methanol solution with colophony for 3 to 5 sec.
Recovery:2 to 3 hrs of recovery under the standard condition after the test.(See Note 1)
13. Thermal Shock
BK0402
Appearance:No significant abnormality.
Impedance change:Within ±30%
BK0603
BK1005
BKH1005
BK1608
BK2125
ARRAY
BK2010
BK3216
BKP0603
BKP1005
BKP1608
BKP2125
CK1608
No mechanical damage.
Inductance change:Within ±20% Q change:Within ±30%
Inductance change:Within ±20%(CKS2125)
CK2125
CKS2125
CKP2012
No mechanical damage. Inductance change:Within ±30%
CKP2016
CKP2520
NM2012
NM2520
LK1005
No mechanical damage.
Inductance change:Within ±10% Q change:Within ±30%
LK1608
LK2125
HK0402
No mechanical damage.
Inductance change:Within ±10% Q change:Within ±20%
HK0603
HK1005
HK1608
HK2125
HKQ0603S
HKQ0603U
AQ105
【Test Methods and Remarks】
Conditions for 1 cycle
Step 1:Minimum operating temperature+0
-3 ℃ 30±3 min.
Step 2:Room temperature 2 to 3 min.
Step 3:Maximum operating temperature
+3
-0 ℃ 30±3 min.
Step 4:Room temperature 2 to 3 min.
Number of cycles:5
Recovery:2 to 3 hrs of recovery under the standard condition after the test.(See Note 1)
(Note 1) When there are questions concerning mesurement result;measurement shall be made after 48±2 hrs of recovery under the standard condition.


Similar Part No. - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors for Automotive
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV_V01 Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T_V01 Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com