Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK1005HM102 Datasheet(PDF) 17 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK1005HM102
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK1005HM102 Datasheet(HTML) 17 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BK1005HM102 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
12
mlci0109_reli-PRP6
mlci0109_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Multilayer chip inductors and beads
6. Q
BK0402
——
BK0603
BK1005
BKH1005
BK1608
BK2125
ARRAY
BK2010
BK3216
BKP0603
BKP1005
BKP1608
BKP2125
CK1608
20 min.
CK2125
15~20 min.
CKS2125
——
CKP2012
CKP2016
CKP2520
NM2012
NM2520
LK1005
10~20 min.
LK1608
10~35 min.
LK2125
15~50 min.
HK0402
3 min.
HK0603
4~5 min.
HK1005
8 min.
HK1608
8~12 min.
HK2125
10~18 min.
HKQ0603S
10~13 min.
HKQ0603U
10~13 min.
AQ105
8 min.
7. DC Resistance
BK0402
0.10~0.53Ω max.
BK0603
0.065~1.50Ω max.
BK1005
0.03~0.80Ω max.
BKH1005
1.50~2.00Ω max.
BK1608
0.05~1.10Ω max.
BK2125
0.05~0.75Ω max.
ARRAY
BK2010
0.10~0.90Ω max.
BK3216
0.15~0.80Ω max.
BKP0603
0.065~0.070Ω max.
BKP1005
0.030~0.20Ω max.
BKP1608
0.025~0.18Ω max.
BKP2125
0.020~0.075Ω max.
CK1608
0.45~0.85Ω(±30%)
CK2125
0.16~0.65Ω max.
CKS2125
0.09~0.40Ω typ.
0.12~0.52Ω max.
CKP2012
0.10~0.28Ω max.
CKP2016
0.08~0.20Ω max.
CKP2520
0.05~0.16Ω max.
NM2012
0.10~0.19Ω max.
NM2520
0.13~0.22Ω max.
LK1005
0.41~1.16Ω max.
LK1608
0.2~2.2Ω max.
LK2125
0.1~1.1Ω max.
HK0402
0.18~0.99Ω max.
HK0603
0.11~3.74Ω max.
HK1005
0.08~4.8Ω max.
HK1608
0.05~2.6Ω max.
HK2125
0.10~1.5Ω max.
HKQ0603S
0.06~1.29Ω max.
HKQ0603U
0.06~1.29Ω max.
AQ105
0.07~0.45Ω max.
【Test Methods and Remarks】
Measuring equipment:VOAC-7412(made by Iwasaki Tsushinki) VOAC-7512(made by Iwasaki Tsushinki)
【Test Methods and Remarks】
CK Series:
Measuring frequency:2 to 4MHz(CK1608)
Measuring frequency:2 to 25MHz(CK2125)
LK Series:
Measuring frequency:10 to 25MHz(LK1005)
Measuring frequency:1 to 50MHz(LK1608)
Measuring frequency:0.4 to 50MHz(LK2125)
Measuring equipment, jig:・4194A+16085B+16092A(or its equivalent)
・4195A+41951+16092A(or its equivalent)
・4294A+16192A(or its equivalent)
・4291A+16193A(or its equivalent)/LK1005
Measuring current:・1mA rms(0.047 to 4.7μH) ・0.1mA rms(5.6 to 33μH)
HK、HKQ、AQ Series:
Measuring frequency:100MHz(HK0603・HK1005・AQ105)
Measuring frequency:50/100MHz(HK1608・HK2125)
Measuring frequency:500MHz(HKQ0603S・HKQ0603U)
Measuring equipment, jig: ・4291A+16197A(or its equivalent)/HK0603・AQ105
・4291A+16193A(or its equivalent)/HK1005
・E4991A+16197A(or its equivalent)/HKQ0603S・
HKQ0603U
・4291A+16092A+ in-house made jig(or its
equivalent)/HK1608・HK2125
・E4991A+16196D(or its equivalent)HK0402


Similar Part No. - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors for Automotive
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV_V01 Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T_V01 Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com