Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK1005HM102 Datasheet(PDF) 15 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK1005HM102
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK1005HM102 Datasheet(HTML) 15 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BK1005HM102 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc BK1005HM102 Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
12
mlci0109_reli-PRP4
mlci0109_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Multilayer chip inductors and beads
3. Rated Current
BK0402
240~540mA DC
BK0603
100~500mA DC
BK1005
120~1000mA DC
BKH1005
200mA DC
BK1608
150~1500mA DC
BK2125
200~1200mA DC
ARRAY
BK2010
100mA DC
BK3216
100~200mA DC
BKP0603
1.0A DC
BKP1005
800~2000mA DC
BKP1608
1.0~3.0A DC
BKP2125
1.5~4.0A DC
CK1608
50~60mA DC
CK2125
60~500mA DC
CKS2125
110~280mA DC
CKP2012
0.7~1.2A DC
CKP2016
0.9~1.6A DC
CKP2520
1.1~1.8A DC
NM2012
0.8~1.5A DC
NM2520
0.9~1.1A DC
LK1005
20~25mA DC
LK1608
1~150mA DC
LK2125
5~300mA DC
HK0402
160~380mA DC
HK0603
60~470mA DC
HK1005
110~300mA DC
HK1608
150~300mA DC
HK2125
300mA DC
HKQ0603S
130~600mA DC
HKQ0603U
130~600mA DC
AQ105
280~710mA DC
Definition of rated current:
・In the CK, CKS and BK Series, the rated current is the value of current at which the temperature of the element is increased within 20℃.
・In the BK Series P type and CK Series P type, NM Series the rated current is the value of current at which the temperature of the element is increased within 40℃.
・In the LK,HK,HKQ,and AQ Series, the rated current is either the DC value at which the internal L value is decreased within 5% with the application of DC bias, or the value of current
at which the temperature of the element is increased within 20℃.
4. Impedance
BK0402
10~120Ω ±25%
BK0603
10~600Ω ±25%
BK1005
10~1800Ω ±25%
BKH1005
1500~1800Ω ±25%
BK1608
22~2500Ω ±25%
BK2125
15~2500Ω ±25%
ARRAY
BK2010
5~1000Ω ±25%
BK3216
68~1000Ω ±25%
BKP0603
22~33Ω ±25%
BKP1005
10~220Ω ±25%
BKP1608
33~470Ω ±25%
BKP2125
33~330Ω ±25%
CK1608
——
CK2125
CKS2125
CKP2012
CKP2016
CKP2520
NM2012
NM2520
LK1005
LK1608
LK2125
HK0402
HK0603
HK1005
HK1608
HK2125
HKQ0603S
HKQ0603U
AQ105
【Test Methods and Remarks】
BK0402 Series
Measuring frequency:100±1MHz
Measuring equipment:E4991A(or its equivalent)
Measuring jig:16196D(or its equivalent)
BK0603 Series, BKP0603 Series
Measuring frequency:100±1MHz
Measuring equipment:4291A(or its equivalent)
Measuring jig:16193A(or its equivalent)
BK1005 Series, BKP1005 Series, BKH1005 Series
Measuring frequency:100±1MHz
Measuring equipment:4291A(or its equivalent)
Measuring jig:16192A(or its equivalent),16193A(or its equivalent)
BK1608・2125 Series, BKP1608・2125 Series
Measuring frequency:100±1MHz
Measuring equipment:4291A(or its equivalent),4195A(or its equivalent)
Measuring jig:16092A(or its equivalent)or 16192A(or its equivalent)/HW
BK2010・3216 Series
Measuring frequency:100±1MHz
Measuring equipment:4291A(or its equivalent), 4195A(or its equivalent)
Measuring jig:16192A(or its equivalent)


Similar Part No. - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors for Automotive
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-TV TAIYO-YUDEN-BK1005HM102-TV_V01 Datasheet
276Kb / 2P
Multilayer Chip Bead Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series)
BK1005HM102-T TAIYO-YUDEN-BK1005HM102-T_V01 Datasheet
266Kb / 2P
Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK1005HM102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com