Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2810 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC2810
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2810 Datasheet HTML 8Page - Texas Instruments TLC2810 Datasheet HTML 9Page - Texas Instruments TLC2810 Datasheet HTML 10Page - Texas Instruments TLC2810 Datasheet HTML 11Page - Texas Instruments TLC2810 Datasheet HTML 12Page - Texas Instruments TLC2810 Datasheet HTML 13Page - Texas Instruments TLC2810 Datasheet HTML 14Page - Texas Instruments TLC2810 Datasheet HTML 15Page - Texas Instruments TLC2810 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
COMMON-MODE INPUT VOLTAGE
POSITIVE LIMIT
vs
SUPPLY VOLTAGE
8
4
0
16
12
04
8
12
16
VDD – Supply Voltage – V
TA = 25°C
6
2
14
10
2
6
10
14
Figure 14
VDD – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
5
4
2
1
0
3
04
8
12
16
VIC = 1 V
VO = 1 V
No Load
TA = 25°C
TA = 150°C
TA = – 40°C
4.5
3.5
1.5
0.5
2.5
2
6
10
14
Figure 15
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
2
1
0.5
0
3
2.5
1.5
– 75 – 50 – 25
0
25
50
75
100
125
VDD = 5
VIC = 1 V
VO = 1 V
No Load
150
Figure 16
SLEW RATE
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
04
8
12
16
4
2
1
0
6
3
5
8
7
AV = 1
VI(PP) = 2.5 V
RL = 10 kΩ
CL = 20 pF
TA = 25°C
2
6
10
14


Similar Part No. - TLC2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2810Y TI1-TLC2810Y Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810ZD TI1-TLC2810ZD Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810ZDR TI1-TLC2810ZDR Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810ZP TI1-TLC2810ZP Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2 Datasheet
509Kb / 34P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com