Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1372BS Datasheet(PDF) 28 Page - Sony Corporation

Part # CXA1372BS
Description  RF Signal Processing Servo Amplifier for CD Player
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1372BS Datasheet(HTML) 28 Page - Sony Corporation

Back Button CXA1372BS Datasheet HTML 24Page - Sony Corporation CXA1372BS Datasheet HTML 25Page - Sony Corporation CXA1372BS Datasheet HTML 26Page - Sony Corporation CXA1372BS Datasheet HTML 27Page - Sony Corporation CXA1372BS Datasheet HTML 28Page - Sony Corporation CXA1372BS Datasheet HTML 29Page - Sony Corporation CXA1372BS Datasheet HTML 30Page - Sony Corporation CXA1372BS Datasheet HTML 31Page - Sony Corporation CXA1372BS Datasheet HTML 32Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
– 28 –
CXA1372BQ/BS
Notes on Operation
1. Connection of the power supply pin
2. FSET pin
The FSET pin determines the cut-off frequency fc for the focus and tracking high-frequency phase compensation.
3. ISET pin
ISET current = 1.27V/R
= Focus search current
= Tracking jump current
= 1/2 sled kick current
4. The tracking amplifier input is clamped at 1VBE to prevent overinput.
5. FE (focus error) and TE (tracking error) gain changing method
(1) High gain: Resistance between FE pins (Pins 5 and 6) 100k
Ω → Large
Resistance between TA pins (Pins 11 and 12) 100k
Ω → Large
(2) Low gain: A signal, whose resistance is divided, is input to FE and TE.
6. Input voltage of microcomputer interface Pins 20 to 25, should be set as follows.
VIH VCC
× 90% or more
VIL VCC
× 10% or less
7. Focus OK circuit
(1) Refer to the "Description of Operation" for the time constant setting of the focus OK amplifier LPF and the
mirror amplifier HPF.
(2) The equivalent circuit of FOK output pin is as follows.
VCC
20k
50k
100k
DGND
RL
FOK
VCC
DGND
33
FOK comparator output is:
Output voltage High: VFOKH
≈ near Vcc
Output voltage Low: VFOKL
≈ Vsat (NPN) + DGND
dual ±5V power supplies
+5V
0V
VC
+5V
–5V
0V
single 5V power supplies
Vcc
VEE
VC
FE
TE


Similar Part No. - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com