Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1372BS Datasheet(PDF) 22 Page - Sony Corporation

Part # CXA1372BS
Description  RF Signal Processing Servo Amplifier for CD Player
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1372BS Datasheet(HTML) 22 Page - Sony Corporation

Back Button CXA1372BS Datasheet HTML 18Page - Sony Corporation CXA1372BS Datasheet HTML 19Page - Sony Corporation CXA1372BS Datasheet HTML 20Page - Sony Corporation CXA1372BS Datasheet HTML 21Page - Sony Corporation CXA1372BS Datasheet HTML 22Page - Sony Corporation CXA1372BS Datasheet HTML 23Page - Sony Corporation CXA1372BS Datasheet HTML 24Page - Sony Corporation CXA1372BS Datasheet HTML 25Page - Sony Corporation CXA1372BS Datasheet HTML 26Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
– 22 –
CXA1372BQ/BS
DIRC (Pin 20) and 1 Track Jump
Normally, an acceleration pulse is applied for a 1-track jump. Then a deceleration pulse is given for a specified
time observing the tracking error from the moment it passes point 0, and tracking servo is turned ON again.
For the 100-track jump to be explained in the next item, as long as the number of tracks is about 100 there is
no problem. However a 1-track jump must be performed here, which requires the above complicated
procedure. For the 1-track jump in CD players, both the acceleration and deceleration take about 300 to
400µs. When software is used to execute this operation, it turns out as shown in the flow chart of Fig. 9.
Actually, it takes some time to transfer data.
Acceleration
Pulse waveform
Tracking error
Deceleration
$2C transfer latch
$28 transfer only
TZC
↓ ?
NO
YES
Latch
Timer (0.3ms)
$25 transfer latch
TR: REV
SL: OFF
TR: FWD
SL: OFF
Execute
Execute
TR: ON
SL: ON
Execute
$2C transfer latch
TZC
↓ ?
NO
YES
DIRC = L
Timer (0.3ms)
DIRC = H
TR: REV
SL: OFF
TR: FWD
SL: OFF
Execute
TR: ON
SL: ON
Fig. 9. 1-track jump not using DIRC (Pin 20)
Fig. 10. 1-track jump with DIRC (Pin 20)
Fig. 8. Pulse waveform and tracking error of 1-track jump
The DIRC (Direct Control) pin was provided in this IC to facilitate the 1-track jump operation. Conduct the
following process to perform 1-track jump using DIRC (normal High).
(a) Acceleration pulse is output. ($2C for REV or $28 for FWD).
(b) With TZC
↓ (or TZC ↑), set DIRC to Low. (SENS Pin 27 outputs "TZC"). As the jump pulse polarity is
inverted, deceleration is applied.
(c) Set DIRC to High after a specific time.
Both the tracking servo and sled servo are switched ON automatically.
As a result, the track jump turns out as shown in the flow chart of Fig. 10 and the two serial data transfers
can be omitted.


Similar Part No. - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com