![]() |
Electronic Components Datasheet Search |
|
CXA1372BS Datasheet(PDF) 18 Page - Sony Corporation |
|
|
CXA1372BS Datasheet(HTML) 18 Page - Sony Corporation |
18 / 32 page ![]() – 18 – CXA1372BQ/BS Commands The input data to operate this IC is configured as 8-bit data; however, below, this input data is represented by 2-digit hexadecimal numerals in the form $XX, where X is a hexadecimal numeral between 0 and F. Commands for the CXA1372 can be broadly divided into four groups ranging in value from $0X to $3X. 1. $0X (“FZC” at SENS (Pin 27)) These commands are related to focus servo control. The bit configuration is as shown below. D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 FS4 FS3 FS2 FS1 Four focus-servo related switches exist: FS1 to FS4 corresponding to D0 to D3, respectively. $00 When FS1 = 0, Pin 7 is charged to (22µA – 11µA) × 50kΩ = 0.55V. If FS2 = 0, this voltage is no longer transferred, and the output at Pin 5 becomes 0V. $02 From the state described above, the only FS2 becomes 1. When this occurs, a negative signal is output to Pin 5. This voltage level is obtained by equation 1 below. (22µA – 11µA) × 50kΩ × .... Equation 1 $03 From the state described above, FS1 becomes 1, and a current source of +22µA is split off. Then, a CR charge/discharge circuit is formed, and the voltage at Pin 7 decreases with the time as shown in Fig. 1 below. This time constant is obtained with the 50k Ω resistance and an external capacitor. By alternating the commands between $02 and $03, the focus search voltage can be constructed. (Fig. 2) 0V 0V $ 00 02 030203 02 00 Fig. 1. Voltage at Pin 7 when FS1 gose from 0 → 1 Fig. 2. Constructing the search voltage by alternating between $02 and $03 (Voltage at Pin 5) resistance between Pins 5 and 6 50k Ω |
Similar Part No. - CXA1372BS |
|
Similar Description - CXA1372BS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |