Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1372BS Datasheet(PDF) 17 Page - Sony Corporation

Part # CXA1372BS
Description  RF Signal Processing Servo Amplifier for CD Player
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1372BS Datasheet(HTML) 17 Page - Sony Corporation

Back Button CXA1372BS Datasheet HTML 13Page - Sony Corporation CXA1372BS Datasheet HTML 14Page - Sony Corporation CXA1372BS Datasheet HTML 15Page - Sony Corporation CXA1372BS Datasheet HTML 16Page - Sony Corporation CXA1372BS Datasheet HTML 17Page - Sony Corporation CXA1372BS Datasheet HTML 18Page - Sony Corporation CXA1372BS Datasheet HTML 19Page - Sony Corporation CXA1372BS Datasheet HTML 20Page - Sony Corporation CXA1372BS Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
– 17 –
CXA1372BQ/BS
Mirror Circuit
The mirror circuit performs peak and bottom hold after the RFI signal has been amplified.
For the peak hold, a time constant can follow a 30kHz traverse, and, for the bottom hold, one can follow the
rotation cycle envelope fluctuation.
Through differential amplification of the peak and bottom hold signals H and I, mirror output can be obtained by
comparing an envelope signal J (demodulated to DC) to signal K for Which peak holding at a level 2/3 that of
the maximum was performed with a large time constant. In other words, mirror output is low for tracks on the
disc and high for the area between tracks (the MIRR areas). In addition, a high signal is output when a defect
is detected. The mirror hold time constant must be sufficiently large in comparison with the traverse signal.
20k
0.033µ
RFO
RFI
CP
MIRROR
COMPARATOR
PEAK &
BOTTOM
HOLD
× 2.2
K
MIRROR HOLD AMP
J
H
I
× 1
G
MIRROR AMP
MIRR
DGND
29
38
39
RFO
H
L
0V
0V
0V
0V
G
(RFI)
H
(PEAK HOLD)
I
(BOTTOM HOLD)
(MIRROR HOLD)
J
K
MIRR


Similar Part No. - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
XLamp LED
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com