Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1372BS Datasheet(PDF) 16 Page - Sony Corporation

Part # CXA1372BS
Description  RF Signal Processing Servo Amplifier for CD Player
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1372BS Datasheet(HTML) 16 Page - Sony Corporation

Back Button CXA1372BS Datasheet HTML 12Page - Sony Corporation CXA1372BS Datasheet HTML 13Page - Sony Corporation CXA1372BS Datasheet HTML 14Page - Sony Corporation CXA1372BS Datasheet HTML 15Page - Sony Corporation CXA1372BS Datasheet HTML 16Page - Sony Corporation CXA1372BS Datasheet HTML 17Page - Sony Corporation CXA1372BS Datasheet HTML 18Page - Sony Corporation CXA1372BS Datasheet HTML 19Page - Sony Corporation CXA1372BS Datasheet HTML 20Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
– 16 –
CXA1372BQ/BS
DEFECT circuit
After inversion, RFI signal is bottom held by means of the long and short time constants. The long time-
constant bottom hold keeps the mirror level prior to the defect.
The short time-constant bottom hold responds to a disc mirror defect in excess of 0.1ms, and this is
differentiated and level-shifted through the AC coupling circuit.
The long and short time-constant signals are compared to generate at mirror defect detection signal.
RFO
a
× 2
b
DEFECT AMP
CC1
CC2
DFCT
CB
0.01µ
0.033µ
DEFECT COMPARATOR
DEFECT BOTTOM
HOLD
e
c
d
e
d
c
b
a
BOTTOM
HOLD (1);
Solid line CC1
DEFECT
AMP
RFO
DEFECT
BOTTOM
HOLD (2);
Dotted line CC2
H
L
34
35
37
40
30


Similar Part No. - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
XLamp LED
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com