Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1372BS Datasheet(PDF) 14 Page - Sony Corporation

Part # CXA1372BS
Description  RF Signal Processing Servo Amplifier for CD Player
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1372BS Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXA1372BS Datasheet HTML 10Page - Sony Corporation CXA1372BS Datasheet HTML 11Page - Sony Corporation CXA1372BS Datasheet HTML 12Page - Sony Corporation CXA1372BS Datasheet HTML 13Page - Sony Corporation CXA1372BS Datasheet HTML 14Page - Sony Corporation CXA1372BS Datasheet HTML 15Page - Sony Corporation CXA1372BS Datasheet HTML 16Page - Sony Corporation CXA1372BS Datasheet HTML 17Page - Sony Corporation CXA1372BS Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
– 14 –
CXA1372BQ/BS
Tracking Sled Servo
42
TZC
TZC
0.022µ
45
0.047µ
ATSC
BPF
100k
1k
1k
100k
ATSC
43
44
TE
22k
0.1µ
TE
TDFCT
470k
DFCT
680k
TG1
TG1
680K
10k
TM1
66P
Tracking
Phase
Compensation
8
9
0.033µ
TGU
TG2
20k
TG2
470k
10k
90k
TM7
11
12
TA–
13
SL+
14
15
SLO
SL–
TRACKING
COIL
100k
82k
22µ
3.3µ
15k
8.2k
0.015µ
M
SLED MOTOR
120k
100k
SSTOP
SSTOP
100k
1k
10k
TM2
TM6
TM5
22µA
22µA
TM4
TM3
11µA
11µA
16
510k
0.01µ
FSET
TAO
18
The above figure shows a block diagram of the tracking and sled servo.
The capacitor connected between Pins 8 and 9 is a time constant to cut the high-frequency gain when TG2 is
OFF. The peak frequency of the tracking phase compensation is approximately 1.2kHz when a 510k
resistance connected to Pin 16.
To jump tracks in FWD and REV directions, turn TM3 or TM4 ON. During this time, the peak voltage applied to
the tracking coil is determined by the TM3 or TM4 current and the feedback resistance from Pin 12. To be
more specific,
Track jump peak voltage = TM3 (or TM4) current
× feedback resistance
The FWD and REV sled kick is performed by turning TM5 or TM6 ON. During this time, the peak voltage
applied to the sled motor is determined by the TM5 or TM6 current and the feedback resistance from Pin 15;
Sled kick peak voltage = TM5 ( or TM6) current
× feedback resistance
The values of the current for each switch are determined by the resistance connected between Pin 17 and
GND. When this resistance is 120k
Ω:
TM3 ( or TM4) = ±11µA, and TM5 (or TM6) = ±22µA.
This current value is almost inversely proportional to the resistance and the variable range is approximately 5
to 40µA at TM3.
SSTOP is the ON/OFF detection signal for the limit SW of the linear motor's innermost track.
As is the case with the FE signal, the TE signal is switched to pass through a low-pass filter formed by the
internal resistance (470k
Ω) and the capacitor connected to Pin 44.
TM-1 was ON at DFCT in the CXA1082 and CXA1182, but it does not operate in the CXA1372.


Similar Part No. - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com