Electronic Components Datasheet Search |
|
CXA1372BS Datasheet(PDF) 13 Page - Sony Corporation |
|
|
CXA1372BS Datasheet(HTML) 13 Page - Sony Corporation |
13 / 32 page – 13 – CXA1372BQ/BS Description of Functions Focus Servo FZC 1.2k 56k FE 22k FZC Focus Phase Compensation 48k 510k 0.1µ FSET FLB 40k FGD 10k DFCT 2200p FE 470k 0.1µ FDFCT FS3 580k 46k 100k FOCUS COIL FE– 120k 11µ 22µ ISET FS1 50k 40k 4.7µ SRCH 10k FS2 0.01µ FEO 0.1µ 20k FS4 FS3 120k 46 47 48 2 3 4 16 7 17 6 5 DGND The above figure shows a block diagram of the focus servo. Ordinarily the FE signal is input to the focus phase compensation circuit through a 20k Ω and 48kΩ resistance; however, when DFCT is detected, the FE signal is switched to pass through a low-pass filter formed by the internal 470k Ω resistance and the capacitance connected to Pin 48. When this DFCT countermeasure circuit is not used, leave Pin 48 open. When FS3 is ON, the high-frequency gain can be cut by forming a low-frequency time constant through a capacitor connected between Pins 2 and 3 and the internal resistor. The capacitor connected between Pin 4 and GND is a time constant to boost the low frequency in the normal playback state. The peak frequency of the focus phase compensation is approximately 1.2kHz when a resistance of 510k Ω is connected to Pin 16. The focus search level is approximately ±1.1Vp-p when using the constants indicated in the above figure. This level is inversely proportional to the resistance connected between Pin 17 and GND. However, changing this resistance also changes the level of the track jump and sled kick as well. The FZC comparator inverted input is set to 2% of VCC and VC (Pin 1); (VCC – VC) × 2%. ∗ 510kΩ resistance is recommended for Pin 16. |
Similar Part No. - CXA1372BS |
|
Similar Description - CXA1372BS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |