Electronic Components Datasheet Search |
|
CXA1101 Datasheet(PDF) 11 Page - Sony Corporation |
|
|
CXA1101 Datasheet(HTML) 11 Page - Sony Corporation |
11 / 15 page – 11 – CXA1100/CXA1101/CXA1102/CXA1163 When the ripple or noise component of VEE supply is not negligible small, the CR filter shown in Fig. a-1 will be usefull. The operation voltage range are CXA1100 11.5 to 16V (±5.75 to ±8V) CXA1101 8.5 to 16V (±4.25 to ±8V) CXA1102 6.5 to 16V (±3.25 to ±8V) CXA1163 5.0 to 16V (±2.5 to ±8V) Fig. a-1. The devices will satisfy the signal handling of 12dB specified by Dolby Laboratories on above voltage range. 2) Operation mode control The CXA1100 series provide fully electronic switching circuits. The functions are controlled by DC voltages of the two control pins of REC/PB (pin 12) and ON/OFF (pin 5). The switching truth tables are shown in Fig. a-2. VH and VL are defined as (a) Single ended supply operation VCC ≥ VH ≥ 2.5V 0.5V ≥ VL ≥ 0V (b) Split supply operation VCC ≥ VH ≥ VEE + 2.5V VEE + 0.5V ≥ VL ≥ VEE Fig. a-2. It is desirable to provide CR time constant circuits at the mode control pins with time constant from 100msec to 1sec, which will reduce switching clicks effectively. 3) Reference levels Characteristics and specifications of the Dolby noise reduction processor are defined as the levels and measured with reference to the Dolby level. This particular level in these devices is –10dBm (245mVrms), and is measured at the recording output (REC OUT) in the NR off mode. The reference levels of the recording input (REC IN), play back input (PB IN) and line output (LINE OUT) are defined the levels which provide the Dolby level at the recording output in the NR off mode. The CXA1100 series has a common silicon die, and has different internal connection. The series provides four different line output levels for various applications. Other reference levels, recording input level, playback input level and recording output level (= Dolby level) are identical in all devices. The reference levels are as follows Recording output level (= Dolby level) –10dBm (245mVrms) Recording input level –30dBm (24.5mVrms) Play back input level –30dBm (24.5mVrms) Line output level CXA1100 0dBm (775mVrms) CXA1101 –3dBm (548mVrms) CXA1102 –6dBm (388mVrms) CXA1163 –10dBm (245mVrms) 13 14 15 R1 43k 47 100 to 470µF VEE CXA1100 Series REC/PB Function VH PB (Decode) VL REC (Encode) ON/OFF Function VH NR off VL NR on |
Similar Part No. - CXA1101 |
|
Similar Description - CXA1101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |