Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1101 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1101
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1101 Datasheet(HTML) 4 Page - Sony Corporation

  CXA1101 Datasheet HTML 1Page - Sony Corporation CXA1101 Datasheet HTML 2Page - Sony Corporation CXA1101 Datasheet HTML 3Page - Sony Corporation CXA1101 Datasheet HTML 4Page - Sony Corporation CXA1101 Datasheet HTML 5Page - Sony Corporation CXA1101 Datasheet HTML 6Page - Sony Corporation CXA1101 Datasheet HTML 7Page - Sony Corporation CXA1101 Datasheet HTML 8Page - Sony Corporation CXA1101 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
– 4 –
CXA1100/CXA1101/CXA1102/CXA1163
Block Diagram
Test Circuit
C21
C22
C24
4.7µ
LINE OUT
C23
0.68µ
C14
4.7µ
LINE OUT
C13
0.68µ
R1
43k
C12
C11
PB IN
PB IN
REC IN
C1
100µ
REC IN
4
5
7
12
2
13
ATT2
ATT3
ATT3
SC
DET
ATT2
ATT3
ATT1
SC
DET
6
3
1
ATT2
ATT3
ATT1
SC
DET
9
10
11
14
15
16
8
Vcc
ON/OFF
REC OUT
C25
4.7µ
ATT: Attenuator
SC : Side Chain
DET: Detector
C15
4.7µ
REC OUT
REC/PB
R
P
R21
5.1k
OFF
S4
C21
R22
5.1k
C2
100µ
C22
C1
100µ
R5
510
S2
P
R
S1
C24
4.7µ
P
R
S5-2
C23
0.68µ
R
P
R11
5.1k
OFF
S3
C11
R12
5.1k
C12
R1
43k
C14
4.7µ
P
R
S5-1
C13
0.68µ
3
4
5
6
7
8
9
10
11
12
14
15
1
2
13
16
R3
12k
Audio
SG
A
Vcc
+15V
1
2 S6-2
R2
10k
DC Level
Meter
C25
4.7µ
1
2
S6-1
CCIR/ARM
Filter
OFF
ON
S7
AC Level
Meter
Distortion
Analyzer
ON
OFF
R4
2k
C16
4.7µ


Similar Part No. - CXA1101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CXA1101

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com