Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1101 Datasheet(PDF) 15 Page - Sony Corporation

Part # CXA1101
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1101 Datasheet(HTML) 15 Page - Sony Corporation

Back Button CXA1101 Datasheet HTML 7Page - Sony Corporation CXA1101 Datasheet HTML 8Page - Sony Corporation CXA1101 Datasheet HTML 9Page - Sony Corporation CXA1101 Datasheet HTML 10Page - Sony Corporation CXA1101 Datasheet HTML 11Page - Sony Corporation CXA1101 Datasheet HTML 12Page - Sony Corporation CXA1101 Datasheet HTML 13Page - Sony Corporation CXA1101 Datasheet HTML 14Page - Sony Corporation CXA1101 Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
– 15 –
CXA1100/CXA1101/CXA1102/CXA1163
CXA1100P, CXA1101P/M, CXA1102P/M, CXA1163P/M
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER PLATING
COPPER
0.15
M
0.13
16
1
9
8
∗10.2 – 0.1
+ 0.3
0.71 ± 0.1
1.27 ± 0.1
0.4 ± 0.1
4° to 8°
2.0 MAX
0.05 MIN
1.8
0.15 ± 0.05
SOP-16P-L122
SOP016-P-0300-BX
16PIN SOP (PLASTIC) 300mil
0.21g
NOTE: Dimension “
∗” does not include mold protrusion.


Similar Part No. - CXA1101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CXA1101

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com