Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1101 Datasheet(PDF) 12 Page - Sony Corporation

Part # CXA1101
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1101 Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXA1101 Datasheet HTML 7Page - Sony Corporation CXA1101 Datasheet HTML 8Page - Sony Corporation CXA1101 Datasheet HTML 9Page - Sony Corporation CXA1101 Datasheet HTML 10Page - Sony Corporation CXA1101 Datasheet HTML 11Page - Sony Corporation CXA1101 Datasheet HTML 12Page - Sony Corporation CXA1101 Datasheet HTML 13Page - Sony Corporation CXA1101 Datasheet HTML 14Page - Sony Corporation CXA1101 Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
– 12 –
CXA1100/CXA1101/CXA1102/CXA1163
4) MPX filter termination and C1 for Vcc/2 (Pin 4)
The MPX (multiplex) filter termination method shown in Fig. a-3 allows saving the coupling capacitors
between the buffer amplifiers and MPX filters. However, the channel to channel separation and REC to PB
crosstalk of low frequency signals will be degraded by the termination resistor RT. For example, 5k
Ω of R1
will degrade the channel to channel separation to 50dB. Better separation can be obtained by increasing
the capacitance of C1 (Pin 4) to 220µF or 470µF.
The allowable minimum value of C1 is 47µF, and 100µF is the standard recommended value. Larger values
of C1 are generally desirable in order to improve the crosstalk and ripple rejection ratio.
5) Application for dubbing cassette decks
The CXA1100 series generates non decoded signal at the recoding output in the decode mode, and can
simplify the structure of dubbing decks. See the SONY' Dolby B/C type IC (CX20187/CXA1097Q or
CX20188/CXA1098Q) data sheet in detail.
Fig. a-3.
Switchable Processor with Single Supply
Note 1) Resistor and capacitor tolerances are ±10% and ±20% respectively unless otherwise specified.
Note 2) When resistors RT are connected to Pin 4 for the MPX filter termination, increase the capacitances of
C1 and C11 (C21) to 470µF and 4.7µF respectively.
2
3
13
14
15
4
1
16
C1
470µ
RT
RT
MPX
Filter
MPX
Filter
MPX
Filter
Buffer
MPX
Filter
MPX
Filter
MPX
Filter
Buffer
C11
4.7µ
C21
4.7µ
Line
Input
Line
Input
CXA1100 Series
3
4
5
6
7
8
10
11
12
14
15
1
C21
C22
NR
ON/OFF
ON
OFF
C24
4.7µ
LINE OUT
C23 (10%)
0.68µ
C14
4.7µ
LINE OUT
C13 (10%)
0.68µ
R1
(12
%)
43k
C3
10µ
C12
C11
PB IN
(–30dBm)
PB IN
(–30dBm)
REC IN
(–30dBm)
VCC
2
C2
100µ
C1
100µ
REC/PB
R2
10k
13
REC
PB
16
REC IN
(–30dBm)
C25
4.7µ
REC OUT
(–10dBm)
C15
4.7µ
REC OUT
RT
RT
9


Similar Part No. - CXA1101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - CXA1101

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com