Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSW-102-07-L-D Datasheet(PDF) 53 Page - Texas Instruments

Part # TSW-102-07-L-D
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSW-102-07-L-D Datasheet(HTML) 53 Page - Texas Instruments

Back Button TSW-102-07-L-D Datasheet HTML 49Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 50Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 51Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 52Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 53Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 54Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 55Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 56Page - Texas Instruments TSW-102-07-L-D Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
www.ti.com
Appendix G USB-MODEVM Protocol
G.1
USB-MODEVM Protocol
Appendix G
The USB-MODEVM is defined to be a Vendor-Specific class, and is identified on the PC system as an
NI-VISA device. Because the TAS1020 has several routines in its ROM which are designed for use with
HID-class devices, HID-like structures are used, even though the USB-MODEVM is not an HID-class
device. Data is passed from the PC to the TAS1020 using the control endpoint.
Data is sent in an HIDSETREPORT (see Table G-1):
Table G-1. USB Control Endpoint
HIDSETREPORT Request
Part
Value
Description
bmRequestType
0x21
00100001
bRequest
0x09
SET_REPORT
wValue
0x00
don't care
wIndex
0x03
HID interface is index 3
wLength
calculated by host
Data
Data packet as described below
The data packet consists of the following bytes, shown in Table G-2:
Table G-2. Data Packet Configuration
BYTE NUMBER
TYPE
DESCRIPTION
0
Interface
Specifies serial interface and operation. The two values are logically ORed.
Operation:
READ
0x00
WRITE
0x10
Interface:
GPIO
0x08
SPI_16
0x04
I2C_FAST
0x02
I2C_STD
0x01
SPI_8
0x00
1
I2C Slave
Slave address of I2C device or MSB of 16-bit reg addr for SPI
Address
2
Length
Length of data to write/read (number of bytes)
3
Register address
Address of register for I2C or 8-bit SPI; LSB of 16-bit address for SPI
4..64
Data
Up to 60 data bytes could be written at a time. EP0 maximum length is 64. The return
packet is limited to 42 bytes, so advise only sending 32 bytes at any one time.
Example usage:
Write two bytes (AA, 55) to device starting at register 5 of an I2C device with address A0:
[0]
0x11
[1]
0xA0
[2]
0x02
[3]
0x05
[4]
0xAA
[5]
0x55
SLAU218 – August 2007
USB-MODEVM Protocol
49
Submit Documentation Feedback


Similar Part No. - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSW-102-07-L-D TI1-TSW-102-07-L-D Datasheet
2Mb / 48P
Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - TSW-102-07-L-D

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
AND Gate (unbuffered) and Buffered
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
PHOENIX CONTACT
5603718 PHOENIX-5603718 Datasheet
50Kb / 2P
License - VLC-PDK-CIT-P
5604102 PHOENIX-5604102 Datasheet
45Kb / 2P
License - VLC-OEM-PDK-CIT-P
5605645 PHOENIX-5605645 Datasheet
45Kb / 2P
License - VLC-OEM-PDK-CIT-USB
5605992 PHOENIX-5605992 Datasheet
76Kb / 3P
VLC-PDK-CIT-USB
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
License - VLC-PDK-MWX-P
5605994 PHOENIX-5605994 Datasheet
46Kb / 2P
License - VLC-PDK-MWX-USB
5605996 PHOENIX-5605996 Datasheet
45Kb / 2P
License - VLC-OEM-PDK-MWX-P
5605997 PHOENIX-5605997 Datasheet
46Kb / 2P
License - VLC-OEM-PDK-MWX-USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com